Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6706 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 4Page - STMicroelectronics L6706 Datasheet HTML 5Page - STMicroelectronics L6706 Datasheet HTML 6Page - STMicroelectronics L6706 Datasheet HTML 7Page - STMicroelectronics L6706 Datasheet HTML 8Page - STMicroelectronics L6706 Datasheet HTML 9Page - STMicroelectronics L6706 Datasheet HTML 10Page - STMicroelectronics L6706 Datasheet HTML 11Page - STMicroelectronics L6706 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Pins description and connection diagrams
L6706
8/47
Doc ID 15698 Rev 2
16
OUTEN
Output enable pin.
Internally pulled up by 10 µA (typ) to 3 V. Forced low, the device stops
operations with all MOSFETs OFF: all the protections are disabled except for
preliminary over voltage. Leave floating, the device starts-up implementing soft-
start up to the selected VID code. Cycle this pin to recover latch from
protections; filter with 1 nF (typ) vs. SGND.
17
CS+
Current sense positive input.
Connect through an R-C filter to the phase-side of the output inductor.
See Section 20: Layout guidelines on page 43 for proper layout of this
connection.
18
CS-
Current sense negative input.
Connect through a Rg resistor to the output-side of the output inductor.
See Section 20: Layout guidelines on page 43 for proper layout of this
connection.
19
INT1
Test mode pin.
It must be left unconnected or connected to 3.3 V.
20 to 27
VID0 to
VID7
Voltage identification pins. (not internally pulled up).
Connect to SGND to program a '0' or connect to the external Pull-up resistor to
program a '1'. They allow programming output voltage as specified in Table 7.
28
INT2
Test mode pin.
It must be connected to SGND.
29
SSEND
Soft-start end signal.
Open drain output sets free after SS has finished and pulled low when
triggering any protection. Pull up to a voltage lower than 3.3 V, if not used it can
be left floating.
30
N.C.
Not internally connected.
31
INT3
Test mode pin.
It must be connected to 12 V.
32
N.C.
Not internally connected.
33
INT4
Test mode pin.
It must be connected to 12 V.
34
N.C.
Not internally connected.
35
VCCDR
LS driver supply.
VCDDR pin voltage has to be the same of VCC pin.
Filter with 1 x 1 µF MLCC capacitor vs. PGND.
36
LGATE
LS driver output.
A small series resistor helps in reducing device-dissipated power.
37
PGND
Power ground pin (LS drivers return path).
Connect to power ground plane.
38
PHASE
HS driver return path.
It must be connected to the HS MOSFET source and provides return path for
the HS driver.
Table 2.
Pin description (continued)
Name
Description


Similar Part No. - L6706

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6701 STMICROELECTRONICS-L6701 Datasheet
554Kb / 44P
   3 Phase Controller for VR10, VR9 and K8 CPUs
L6701TR STMICROELECTRONICS-L6701TR Datasheet
554Kb / 44P
   3 Phase Controller for VR10, VR9 and K8 CPUs
More results

Similar Description - L6706

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
logo
Analog Devices
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
   Output voltage accuracy
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
   High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com