Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCXH16373 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 74VCXH16373
Description  SYMMETRICAL OUTPUT IMPEDANCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH16373 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 74VCXH16373 Datasheet HTML 4Page - STMicroelectronics 74VCXH16373 Datasheet HTML 5Page - STMicroelectronics 74VCXH16373 Datasheet HTML 6Page - STMicroelectronics 74VCXH16373 Datasheet HTML 7Page - STMicroelectronics 74VCXH16373 Datasheet HTML 8Page - STMicroelectronics 74VCXH16373 Datasheet HTML 9Page - STMicroelectronics 74VCXH16373 Datasheet HTML 10Page - STMicroelectronics 74VCXH16373 Datasheet HTML 11Page - STMicroelectronics 74VCXH16373 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
74VCXH16373
10/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.006
A2
0.9
0.035
b
0.17
0.27
0.0067
0.011
c
0.09
0.20
0.0035
0.0079
D
12.4
12.6
0.488
0.496
E
8.1 BSC
0.318 BSC
E1
6.0
6.2
0.236
0.244
e
0.5 BSC
0.0197 BSC
K0˚
L
0.50
0.75
0.020
0.030
TSSOP48 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
7065588C


Similar Part No. - 74VCXH16373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DT ONSEMI-74VCXH16373DT Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTR ONSEMI-74VCXH16373DTR Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTRG ONSEMI-74VCXH16373DTRG Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results

Similar Description - 74VCXH16373

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G79G-AE5-R UTC-U74AHC1G79G-AE5-R Datasheet
196Kb / 5P
   Symmetrical output impedance
logo
NXP Semiconductors
HEF4013BT-Q100J PHILIPS-HEF4013BT-Q100J Datasheet
129Kb / 16P
   Standardized symmetrical output characteristics
Rev. 2-20 February 2013
logo
STMicroelectronics
HCF4069U STMICROELECTRONICS-HCF4069U Datasheet
307Kb / 11P
   Standardized symmetrical output characteristics
January 2014 Rev 6
logo
RFHIC
RRP5257550-35 RFHIC-RRP5257550-35 Datasheet
646Kb / 4P
   50 Ohm Input/Output impedance
RRP3135900-12 RFHIC-RRP3135900-12 Datasheet
427Kb / 3P
   50 Ohm Input/Output impedance
RRP9095150-18 RFHIC-RRP9095150-18 Datasheet
555Kb / 4P
   50 Ohm Input/Output impedance
RRP31352K6-20 RFHIC-RRP31352K6-20 Datasheet
449Kb / 3P
   50 Ohm Input/Output impedance
RRP52571K0-41 RFHIC-RRP52571K0-41 Datasheet
870Kb / 4P
   50 Ohm Input/Output impedance
RRP5657550-35 RFHIC-RRP5657550-35 Datasheet
751Kb / 4P
   50 Ohm Input/Output impedance
RRP27312K6-20 RFHIC-RRP27312K6-20 Datasheet
523Kb / 3P
   50 Ohm Input/Output impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com