Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT201003FNO Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CT201003FNO
Description  Thin Film Precision Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CT201003FNO Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CT201003FNO Datasheet HTML 1Page - American Accurate Components, Inc. CT201003FNO Datasheet HTML 2Page - American Accurate Components, Inc. CT201003FNO Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
American Accurate Components, Inc.
Thin Film Precision Chip Resistors
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
1
SCHEMATIC
DIMENSIONS (mm)
Wraparound Termination
Size
L
W
c
d
t
0201
0.60 + 0.05
0.30 + 0.05
0.13 + 0.05
0.25+0.05
0.25 + 0.05
0402
1.00 + 0.05
0.5+0.1
-0.05
0.20 + 0.10
0.25+0.05
-0.10
0.35 + 0.05
0603, P
1.60 + 0.10
0.80 + 0.10
0.20 + 0.10
0.30+0.20
-0.10
0.50 + 0.10
0805, P
2.00 + 0.15
1.25 + 0.15
0.40 + 0.25
0.30+0.20
-0.10
0.50 + 0.15
1206, P
3.20 + 0.15
1.60 + 0.15
0.45 + 0.25
0.40+0.20
-0.10
0.60 + 0.15
1210
3.20 + 0.15
2.60 + 0.15
0.50 + 0.30
0.40+0.20
-0.10
0.60 + 0.10
1217
3.00 + 0.20
4.20 + 0.20
0.80 + 0.30
0.80 + 0.25
0.9 max
2010
5.00 + 0.15
2.60 + 0.15
0.50 + 0.30
0.40+0.20
-0.10
0.70 + 0.10
2020
5.08 + 0.20
5.08 + 0.20
0.80 + 0.30
0.80 + 0.30
0.9 max
2045
5.00 + 0.15
11.5+ 0.30
0.80 + 0.30
0.80 + 0.30
0.9 max
2512
6.30 + 0.15
3.10 + 0.15
0.60 + 0.25
0.50 + 0.25
0.60 + 0.10
CONSTRUCTION FIGURE (Wraparound)
CONSTRUCTION MATERIALS
Item
Part
Material
Resistor
Nichrome Thin Film
Protective Film
Polymide Epoxy Resin
Electrode
a
Grounding Layer
Nichrome Thin Film
b
Electrode Layer
Copper Thin Film
c
Barrier Layer
Nickel Plating
d
Solder Layer
Solder Plating (Sn)
Substrate
Alumina
&
Marking
Epoxy Resin
The resistance value is on the front side
The production month is on the backside
The content of this specification may change without notification 05/15/2015
HOW TO ORDER
CT
10
- 1003 B X M
Packaging
M = Std. Reel
O = Cutting Tape
TCR (PPM/°°°°C)
L = +1
P = +5
Y = +50
M = +2
Q = +10
Z = +100
N = +3
X = +25
Tolerance (%)
U=+.01
A=+.05
C=+.25
F=+1
P=+.02
B=+.10
D=+.50
EIA Resistance Value
Standard decade values
Size
01=2512
05=0402
10=0805
10P=0805P
11=2020
12=2010
13=1217
14=1210
16=0603
16P=0603P
18=1206
18P=1206P
20=0201
Series
CT = Lead Free Thin Film Precision Resistors
Sn Termination
FEATURES
High Power Available 0603P 1/8W, 0805P 1/4W,
1206P 1/2W
Nichrome Thin Film Resistor Element
Anti-Leaching Nickel Barrier Terminations
Very Tight Tolerances, as low as ±0.01%
Extremely Low TCR, as low as ±1ppm
Reference Standard = IEC 60115-8, JIS C 5201-8


Similar Part No. - CT201003FNO

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CT201003FLM AAC-CT201003FLM Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
CT201003FLO AAC-CT201003FLO Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
CT201003FMM AAC-CT201003FMM Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
CT201003FMO AAC-CT201003FMO Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
CT201003FPM AAC-CT201003FPM Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
More results

Similar Description - CT201003FNO

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com