Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2V7002LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2V7002LT1G
Description  Small Signal MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2V7002LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  2V7002LT1G Datasheet HTML 1Page - ON Semiconductor 2V7002LT1G Datasheet HTML 2Page - ON Semiconductor 2V7002LT1G Datasheet HTML 3Page - ON Semiconductor 2V7002LT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
October, 2016 − Rev. 8
1
Publication Order Number:
2N7002L/D
2N7002L, 2V7002L
Small Signal MOSFET
60 V, 115 mA, N−Channel SOT−23
Features
2V Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable (2V7002L)
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDSS
60
Vdc
Drain−Gate Voltage (RGS = 1.0 MW)
VDGR
60
Vdc
Drain Current
− Continuous TC = 25°C (Note 1)
− Continuous TC = 100°C (Note 1)
− Pulsed (Note 2)
ID
ID
IDM
±115
±75
±800
mAdc
Gate−Source Voltage
− Continuous
− Non−repetitive (tp ≤ 50 ms)
VGS
VGSM
±20
±40
Vdc
Vpk
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board
(Note 3) TA = 25°C
Derate above 25
°C
Thermal Resistance, Junction−to−Ambient
PD
RqJA
225
1.8
556
mW
mW/
°C
°C/W
Total Device Dissipation
(Note 4) Alumina Substrate, TA = 25°C
Derate above 25
°C
Thermal Resistance, Junction−to−Ambient
PD
RqJA
300
2.4
417
mW
mW/
°C
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. The Power Dissipation of the package may result in a lower continuous drain
current.
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
3. FR−5 = 1.0 x 0.75 x 0.062 in.
4. Alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina.
3
1
2
Device
Package
Shipping
ORDERING INFORMATION
2N7002LT1G
SOT−23
(Pb−Free)
3000 Tape & Reel
N−Channel
SOT−23
CASE 318
STYLE 21
MARKING
DIAGRAM
2
1
3
2N7002LT3G
10,000 Tape & Reel
www.onsemi.com
2V7002LT1G
SOT−23
(Pb−Free)
3000 Tape & Reel
2V7002LT3G
10,000 Tape & Reel
60 V
7.5
W @ 10 V,
500 mA
RDS(on) MAX
115 mA
ID MAX
V(BR)DSS
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*Not for new design.
1
702 M
G
G
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
702
= Device Code
M
= Date Code*
G
= Pb−Free Package
2N7002LT1H*
3000 Tape & Reel


Similar Part No. - 2V7002LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2V7002LT1G ONSEMI-2V7002LT1G Datasheet
100Kb / 4P
   Small Signal MOSFET 60 V, 115 mA, N.Channel SOT.23
May, 2012 ??Rev. 6
More results

Similar Description - 2V7002LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com