Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS84LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BSS84LT1
Description  Power MOSFET Single P-Channel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BSS84LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  BSS84LT1_16 Datasheet HTML 1Page - ON Semiconductor BSS84LT1_16 Datasheet HTML 2Page - ON Semiconductor BSS84LT1_16 Datasheet HTML 3Page - ON Semiconductor BSS84LT1_16 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BSS84L, BVSS84L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = −250 mAdc)
V(BR)DSS
−50
Vdc
Zero Gate Voltage Drain Current
(VDS = −25 Vdc, VGS = 0 Vdc)
(VDS = −50 Vdc, VGS = 0 Vdc)
(VDS = −50 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−0.1
−15
−60
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
±10
nAdc
ON CHARACTERISTICS (Note 1)
Gate−Source Threaded Voltage (VDS = VGS, ID = −250 mA)
VGS(th)
−0.9
−2.0
Vdc
Static Drain−to−Source On−Resistance (VGS = −5.0 Vdc, ID = −100 mAdc)
RDS(on)
4.7
10
W
Transfer Admittance (VDS = −25 Vdc, ID = −100 mAdc, f = 1.0 kHz)
|yfs|
50
mS
DYNAMIC CHARACTERISTICS
Input Capacitance
VDS = 5.0 Vdc
Ciss
36
pF
Output Capacitance
VDS = 5.0 Vdc
Coss
17
Transfer Capacitance
VDG = 5.0 Vdc
Crss
6.5
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
VDD = −15 Vdc, ID = −2.5 Adc,
RL = 50 W
td(on)
3.6
ns
Rise Time
tr
9.7
Turn−Off Delay Time
td(off)
12
Fall Time
tf
1.7
Gate Charge
VDD = −40 Vdc, ID = −0.5 A,
VGS = −10 V
QT
2.2
nC
SOURCE−DRAIN DIODE CHARACTERISTICS
Continuous Current
IS
−0.130
A
Pulsed Current
ISM
−0.520
Forward Voltage (Note 2)
VGS = 0 V, IS = −130 mA
VSD
−2.2
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.
TYPICAL ELECTRICAL CHARACTERISTICS
0
0.3
0.4
0.1
0.6
0.2
Figure 1. Transfer Characteristics
1
1.5
2
2.5
3
-VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 2. On−Region Characteristics
VDS = 10 V
150
°C
25
°C
-55
°C
02
4
10
0
0.15
0.2
-VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
6
0.05
8
0.3
0.1
3.5
0.5
0.25
13
9
57
-3.25 V
-2.75 V
-2.25 V
-2.5 V
-3.0 V
VGS = -3.5 V
4
0.35
0.4
0.5
0.45
TJ = 25°C


Similar Part No. - BSS84LT1_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS84LT1 ONSEMI-BSS84LT1_12 Datasheet
104Kb / 4P
   Power MOSFET Single P-Channel SOT-23 -50 V, 10
March, 2012 ??Rev. 7
More results

Similar Description - BSS84LT1_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3351 ONSEMI-CPH3351 Datasheet
403Kb / 5P
   Single P-Channel Power MOSFET
March 2015 - Rev. 2
CPH6337 ONSEMI-CPH6337 Datasheet
484Kb / 5P
   Single P-Channel Power MOSFET
September 2015 - Rev. 2
MCH3374 ONSEMI-MCH3374 Datasheet
486Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
MCH3376 ONSEMI-MCH3376 Datasheet
735Kb / 5P
   Single P-Channel Power MOSFET
July, 2014
MCH5839 ONSEMI-MCH5839 Datasheet
675Kb / 6P
   Single P-Channel Power MOSFET
August 2015 - Rev. 1
SFT1341 ONSEMI-SFT1341 Datasheet
353Kb / 6P
   Single P-Channel Power MOSFET
September, 2014
logo
Unisonic Technologies
UT2955 UTC-UT2955_15 Datasheet
234Kb / 4P
   SINGLE P-CHANNEL POWER MOSFET
logo
ON Semiconductor
CPH3348 ONSEMI-CPH3348 Datasheet
487Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
CPH3360 ONSEMI-CPH3360 Datasheet
547Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
SCH1345 ONSEMI-SCH1345 Datasheet
546Kb / 5P
   Single P-Channel Power MOSFET
November 2015 - Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com