Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0458020215 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. 0458020215
Description  1.20mm by 2.00mm Pitch HD Mezz Receptacle, 195 Circuits, 8.00mm Unmated Height, 15 Rows, Lead-Free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0458020215 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0458020215_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0458020215_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
2.0A
Grounding to PCB
No
Voltage - Maximum
250V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
020
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Electrical Model Document
EE-45802-0016
Product Specification
PS-45802-001-001
S-Parameter Model
SP-45802_45830
Sales Drawing
RSD-45802-0001, SD-45802-0001, SD-45802-0002
This document was generated on 04/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn