Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6204A1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA6204A1
Description  1.7-W Mono Fully Differential Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6204A1 Datasheet(HTML) 3 Page - Texas Instruments

  TPA6204A1_17 Datasheet HTML 1Page - Texas Instruments TPA6204A1_17 Datasheet HTML 2Page - Texas Instruments TPA6204A1_17 Datasheet HTML 3Page - Texas Instruments TPA6204A1_17 Datasheet HTML 4Page - Texas Instruments TPA6204A1_17 Datasheet HTML 5Page - Texas Instruments TPA6204A1_17 Datasheet HTML 6Page - Texas Instruments TPA6204A1_17 Datasheet HTML 7Page - Texas Instruments TPA6204A1_17 Datasheet HTML 8Page - Texas Instruments TPA6204A1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
8
SHUTDOWN
BYPASS
IN+
IN−
VO−
GND
VDD
VO+
7
6
5
1
2
3
4
3
TPA6204A1
www.ti.com
SLOS429C – MAY 2004 – REVISED MAY 2016
Product Folder Links: TPA6204A1
Submit Documentation Feedback
Copyright © 2004–2016 , Texas Instruments Incorporated
5 Device Comparison Table
DEVICE NUMBER
TPA6203A1
TPA6204A1
TPA6205A1 (1.8-V COMP SD)
TPA6211A1
Speaker Channels
Mono
Mono
Mono
Mono
Output Power (W)
1.25
1.7
1.25
3.1
PSRR (dB)
90
85
90
85
Pin/Package
8BGA, 8MSOP,
8SON
8SON
8BGA, 8MSOP, 8SON
8MSOP, 8SON
6 Pin Configuration and Functions
DRB Package
8-Pin SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BYPASS
2
Mid-supply voltage, adding a bypass capacitor improves PSRR
IN–
4
I
Negative differential input
IN+
3
I
Positive differential input
GND
7
I
High-current ground
SHUTDOWN
1
I
Shutdown terminal (active low logic)
Thermal Pad
Connect to ground. Thermal pad must be soldered down in all applications to properly
secure device on the PCB.
VDD
6
I
Power supply
VO+
5
O
Positive BTL output
VO–
8
O
Negative BTL output
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VDD
–0.3
6
V
Input voltage, VI
–0.3
VDD + 0.3
V
Continuous total power dissipation
See Dissipation Ratings
Operating free-air temperature, TA
–40
85
°C
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C


Similar Part No. - TPA6204A1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6204A1_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_15 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com