Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6132A2 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6132A2
Description  25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6132A2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6132A2 Datasheet HTML 6Page - Texas Instruments TPA6132A2 Datasheet HTML 7Page - Texas Instruments TPA6132A2 Datasheet HTML 8Page - Texas Instruments TPA6132A2 Datasheet HTML 9Page - Texas Instruments TPA6132A2 Datasheet HTML 10Page - Texas Instruments TPA6132A2 Datasheet HTML 11Page - Texas Instruments TPA6132A2 Datasheet HTML 12Page - Texas Instruments TPA6132A2 Datasheet HTML 13Page - Texas Instruments TPA6132A2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Click-and-Pop
Suppression
HPVDD
HPVSS
HPVDD
HPVSS
Charge
Pump
INR+
INR-
INL+
INL-
OUTL
OUTR
CPP
CPN
HPVSS
G0
EN
Thermal
Protection
Gain
Select
G1
VDD
Supply
Control
PGND
SGND
HPVDD
Resistor
Array
1 F
m
1 F
m
2.2 F
m
Short-Circuit
Protection
Resistor
Array
HPVDD
TPA6132A2
SLOS597A – DECEMBER 2008 – REVISED OCTOBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The TPA6132A2 is a DirectPath™ stereo headphone amplifier that requires no output DC blocking capacitors
and is capable of delivering 25m-W/Ch into16-
Ω speakers. The device has built-in pop suppression circuitry to
completely eliminate pop noise during turn- on and turn-off. The amplifier outputs have short- circuit and thermal-
overload protection.
The TPA6132A2 features fully differential inputs to reduce system noise pickup between the audio source and
the headphone amplifier. The high power supply noise rejection performance and differential architecture
provides increased RF noise immunity.
Differential stereo inputs and built-in resistors set the device gain, reducing external component count. The
TPA6132A2 has four gain settings which are controlled with pins G0 and G1. The combination of these pins set
the device to –6-dB, 0-dB, 3-dB or 6-dB gain.
The TPA6132A2 operates from a single 2.3-V to 5.5-V supply with 2.1 mA of typical supply current, as it uses a
built-in charge pump to generate a negative voltage supply for the headphone amplifiers. Shutdown mode
reduces supply current to less than 1
μA
8.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPA6132A2


Similar Part No. - TPA6132A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6132A2RTER TI-TPA6132A2RTER Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2RTET TI-TPA6132A2RTET Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results

Similar Description - TPA6132A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com