Electronic Components Datasheet Search |
|
SBC1426 Datasheet(PDF) 6 Page - Winchester Electronics Corporation |
|
SBC1426 Datasheet(HTML) 6 Page - Winchester Electronics Corporation |
6 / 7 page - Page 5 - - Page 6 - bodies, Gold plated contacts. RoHS compliant REQUEST QUOTE back to index 4 RoHS complian REQUEST QUOTE REQUEST DRAWING The First BNC/Female / Female Isolated Panel Connector Rated for High Definition This BNC connector was designed from the contact up to meet the rigid standards for HDTV. Bomar is the first to develop a panel connector of this type to perform as well at frequencies from 100MHz to 3 GHz. It is panel isolated and has a black nickel plated threaded bushing and flange. This attractive black metal flange identifies the connector as one of the Shadow ™ HBC series HD connectors. Ask for HBC335R744. Part No. Description HBC335R744 BNC F/F HD Isolated 75 Panel Feed thru RoHS compliant REQUEST QUOTE REQUEST DRAWING BNC Precision 75 Ohm Terminator .1% Tolerance Features and Specifications Precision 0.1% Terminator Rated for HD Test Applications True 75 Ohm Impedance Internal construction designed to perform in HDTV and broadband frequencies. All precision machined brass body with, gold pin, Teflon insulator and heavy bright nickel plating on the body. Part No. Description HBC310X075 BNC F/F HD Isolated 75 Panel Feed thru Standard 5% tolerance 50 ohm and 75 ohm terminators also available. Ask for 310X054 (50 ohm) and 310X075. (75 ohm) back to index 5 |
Similar Part No. - SBC1426 |
|
Similar Description - SBC1426 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |