Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSU0509LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # CSU0509LF
Description  Isolated DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

CSU0509LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  CSU0509LF Datasheet HTML 1Page - Bothhand USA, LP. CSU0509LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSU0509 LF
1.8 Watt Isolated DC-DC Converter
Bothhand USA
Page 1 of 1
CSU0509 LF-Spec-X0-051129
Approved By :
Checked By :
Tested By : Jenny
1. Features:
1.1.
16 Pin SMD Package
1.2.
Low Ripple and Noise
1.3.
Input / Output Isolation :1000 Vdc
1.4.
Net Weight :3 g Typical
1.5. ROHS Converter certified By SGS
2. Input Specification:
2.1. Input Voltage
4.5 ~ 5.5 Vdc
2.2. Max. Input Current
444 mA Max.
@ Vin = 5Vdc and Output at Full Load.
2.3. Quiescent Current
22 mA Typical
@ Vin = 5Vdc and No Load.
2.4. Input Filter
Internal Capacitor
2.5. Switching Frequency
60 KHz Typ.
2.6. Input Efficiency
81 %
Min.
@ Vin = 5Vdc and 100 % Load. ( 85 % Typical )
3. Output Specification:
3.1. Output Voltage
9 Vdc
@ Vin = 5Vdc and Output at Full Load.
3.2. Output Voltage Accuracy
± 5 %
Vo = 8.55 ~ 9.45Vdc
3.3. Output Current
200 mA
3.4. Ripple & Noise
80 mVp-p Max.
@ 20 MHz BW
3.5. Line Regulation
1.3 % / 1.0 % Max.
See Note (1).
3.6. Load Regulation
8 %
See Note (2).
3.7. Output Short circuit duration
1 Second Max.
( Auto Recovery )
3.8. Temperature Coefficient
± 0.02 % ℃
Note :
(1). Line Regulation : Set output load to full load, Then adjust input voltage from 4.5Vdc to 5.5Vdc (10% change), The output voltage
difference must be within 13 % of the output at full load and nominal input.
(2). Load Regulation : Set input voltage at 5.0Vdc, Then changing the load
current from 20 % to 100 % Max. Load. The output
voltage difference must be within 8 % of the output at full load and nominal input,…………
..「 Load Regulation
= ( Vmax. – Vmin.) / Vnom * 100 % 」
4. General Specification:
4.1. Isolation Voltage
1000 Vdc
Test duration 60 Seconds / 0.5 mA
4.2. Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
4.3. Operating Temperature
-40℃ ~ +85℃
@ Ambient Temperature with Natural convention
4.4. Operating Temperature (2)
-40℃ ~ +95℃
@ Case Surface Temperature
4.5. Storage Temperature
-55℃ ~ +125℃
4.6. Humidity
Up to 90 %
4.7. Cooling
Free Air convection
4.8. Case Type
Non-ConductivePlastic


Similar Part No. - CSU0509LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
   1.8 Watt Isolated DC-DC Converter
More results

Similar Description - CSU0509LF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com