Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YMF740C Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # YMF740C
Description  DS-1L
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YMF740C Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button YMF740C Datasheet HTML 12Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 13Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 14Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 15Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 16Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 17Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 18Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 19Page - List of Unclassifed Manufacturers YMF740C Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
YMF740C
January 14, 1999
-16-
b[7:6] ..........SDMA: Sound Blaster DMA-8 Channel Select
These bits select the DMA channel for the Sound Blaster Pro block.
“0”:
DMA ch0
“1”:
DMA ch1
(default)
“2”:
reserved
“3”:
DMA ch3
b[10:8] ........SBIRQ: Sound Blaster IRQ Channel Select
These bits select the interrupt channel for the Sound Blaster Pro block.
“0”:
IRQ5
(default)
“1”:
IRQ7
“2”:
IRQ9
“3”:
IRQ10
“4”:
IRQ11
“5” - “7”:
reserved.
b[13:11] ......MPUIRQ: MPU401 IRQ Channel Select
When MIEN is set to “1”, these bits select the interrupt channel for the MPU401 block.
“0”:
IRQ5
“1”:
IRQ7
“2”:
IRQ9
(default)
“3”:
IRQ10
“4”:
IRQ11
“5” - “7”:
reserved
Same interrupt channels can be assigned to SBIRQ and MPUIRQ.
b14..............Reserved Bit
Hardwire to “0”.
b15..............LAD: Legacy Audio Disable
This bit disables the Legacy Audio block.
“0”: Enables the Legacy Audio block
“1”: Disables the Legacy Audio block
(default)
When this bit is set to “1”, DS-1L does not respond to the I/O Target transaction for legacy I/O address on
the PCI bus.


Similar Part No. - YMF740C

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF743 YAMAHA-YMF743 Datasheet
170Kb / 24P
   AC??7 Revsion2.1 Audio CODEC with Digital Audio I/F
logo
List of Unclassifed Man...
YMF744B ETC-YMF744B Datasheet
303Kb / 60P
   DS-1S
More results

Similar Description - YMF740C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1788 ETC2-LPC1788 Datasheet
349Kb / 6P
   OEM Board DS rev A DS
LPC4088 ETC2-LPC4088 Datasheet
352Kb / 6P
   OEM Board DS rev A DS
YMF744B ETC-YMF744B Datasheet
303Kb / 60P
   DS-1S
logo
Panasonic Battery Group
DS PANASONICBATTERY-DS Datasheet
92Kb / 6P
   DS RELAYS
logo
YAMAHA CORPORATION
YMF754 YAMAHA-YMF754 Datasheet
305Kb / 60P
   DS-1E
logo
Datatronic Distribution...
LM302-1L DATATRONICS-LM302-1L Datasheet
122Kb / 1P
   TELECOM TRANSFORMER LM302-1L
logo
Pasternack Enterprises,...
PE4878 PASTERNACK-PE4878 Datasheet
89Kb / 1P
   MCX CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
logo
Adels-Contact
128303 ADELS-128303 Datasheet
118Kb / 2P
   2000/ 3 DS
128308 ADELS-128308 Datasheet
121Kb / 2P
   2000/ 8 DS
128311 ADELS-128311 Datasheet
122Kb / 2P
   2000/11 DS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com