Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA-0512S1HLF Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # BA-0512S1HLF
Description  0.5 To 1 Watt Isolated DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0512S1HLF Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BA-0512S1HLF Datasheet HTML 1Page - Bothhand USA, LP. BA-0512S1HLF Datasheet HTML 2Page - Bothhand USA, LP. BA-0512S1HLF Datasheet HTML 3Page - Bothhand USA, LP. BA-0512S1HLF Datasheet HTML 4Page - Bothhand USA, LP. BA-0512S1HLF Datasheet HTML 5Page - Bothhand USA, LP. BA-0512S1HLF Datasheet HTML 6Page - Bothhand USA, LP. BA-0512S1HLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BA-SH LF - Series
0.5 To 1 Watt Isolated DC-DC Converter
3 . Absolute Maximum Ratings
(Exceeding these values may damage the module. These are not continuous operating ratings)
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
- 0.7
5
7.5
12V Input Model
- 0.7
12
15
Input Absolute Voltage Range
24V Input Model
- 0.7
24
30
Vdc
---
---
0.5
Max. Output Power
---
---
1.0
W
Output Short Circuit Duration
---
---
1.0
Second
Operation Temperature
(Ambient Temperature)
- 40
---
+ 85
Operation Temperature
(Case Surface Temperature)
Output Full Load
-40
---
+95
Storage Temperature
-55
---
+105
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃
,Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
4.5
5
5.5
12V Input Model
10.8
12
13.2
Input Voltage Range
24V Input Model
21.6
24
26.4
Vdc
Line Regulation (Per1.0% change in input change)
---
---
1.3
Output Voltage Accuracy
---
---
± 5.0
Voltage Balance
(Dual Outputs)
---
---
± 1.0
%
Switching Frequency
---
80
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
%/ ℃
Isolation Voltage
60 Second/0.5mA
3000
---
---
Vdc
Isolation Resistance
500Vdc
1000
---
---
Isolation Capacitance
1KHz / 250mV rms
---
40
---
pF
0.5 Watt
---
---
110
Capacitive Load
1 Watt
---
---
220
μF
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
3000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic
---
BOTHHAND USA sales@bothhandusa.com


Similar Part No. - BA-0512S1HLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-0512S1HLF BOTHHAND-BA-0512S1HLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
More results

Similar Description - BA-0512S1HLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-053R3S BOTHHAND-BA-053R3S Datasheet
165Kb / 2P
   0.5 to 1 Watt Isolated DC-DC Converter Single Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BMA1-SERIES BOTHHAND-BMA1-SERIES Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-1V EATON-EPM6-1V Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BA-053R3D BOTHHAND-BA-053R3D Datasheet
318Kb / 4P
   0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com