Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC7MDT10-S20 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AC7MDT10-S20
Description  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AC7MDT10-S20 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AC7MDT10-S20 Datasheet HTML 4Page - STMicroelectronics AC7MDT10-S20 Datasheet HTML 5Page - STMicroelectronics AC7MDT10-S20 Datasheet HTML 6Page - STMicroelectronics AC7MDT10-S20 Datasheet HTML 7Page - STMicroelectronics AC7MDT10-S20 Datasheet HTML 8Page - STMicroelectronics AC7MDT10-S20 Datasheet HTML 9Page - STMicroelectronics AC7MDT10-S20 Datasheet HTML 10Page - STMicroelectronics AC7MDT10-S20 Datasheet HTML 11Page - STMicroelectronics AC7MDT10-S20 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Connecting to the application board for emulation
UM0139
8/38
2.
Using Table 2, identify the TEB connector to use based on your microcontroller’s
package. Connect the flex adapter supporting your microcontroller package to the
appropriate connector on the TEB. Figure 4 shows the 40-pin connector (W1) and 48-
pin connector (W2) on the ST7MDT10-TEB (DB509).
Figure 4.
TEB connectors
3.
Replace the bottom panel of the probe housing so that the flex adapter feeds through
the slot provided.
4.
Reconnect the probe to the ST Micro Connect box by connecting the two 80-pin flat
cables to the ST Micro Connect connection ports on the top face of the probe housing.
5.
Continue by connecting to your application board. A procedure for each supported
package is provided in the following sections:
Section 2.2: DIP16 microcontroller package on page 9
Section 2.3: SO16 microcontroller package on page 10
Section 2.4: SO8 microcontroller package on page 12
Section 2.5: DIP8 microcontroller package on page 13
Section 2.6: DFN8 microcontroller package on page 14
Section 2.7: DIP20 microcontroller package on page 16
Section 2.8: SO20 microcontroller package on page 17
Section 2.9: SDIP32 microcontroller package on page 18.
Section 2.10: SO28 microcontroller package on page 19


Similar Part No. - AC7MDT10-S20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AC7MDT10-D20 STMICROELECTRONICS-AC7MDT10-D20 Datasheet
152Kb / 3P
   DIP20/SO20 Connection Kit for ST7MDT10-EMU3
AC7MDT10-D32 STMICROELECTRONICS-AC7MDT10-D32 Datasheet
139Kb / 3P
   SDIP32/SO28 Connection Kit for ST7MDT10-EMU3
More results

Similar Description - AC7MDT10-S20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0250 STMICROELECTRONICS-UM0250 Datasheet
244Kb / 12P
   Getting started with the ST7
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
   In general the ADC embedded in the ST7 microcontroller
AN2615 STMICROELECTRONICS-AN2615 Datasheet
529Kb / 37P
   In general the ADC embedded in the ST7 microcontroller
UM0323 STMICROELECTRONICS-UM0323 Datasheet
2Mb / 24P
   STEVAL-PCC001V1 - Getting started with the ST7
logo
Analog Devices
ADA-JET-ARM20 AD-ADA-JET-ARM20 Datasheet
480Kb / 19P
   JTAG Probes for Signum Emulators
logo
STMicroelectronics
ST7MDTX-EMU2 STMICROELECTRONICS-ST7MDTX-EMU2 Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
ST7MDTX-EMU2B STMICROELECTRONICS-ST7MDTX-EMU2B Datasheet
111Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
AN1014 STMICROELECTRONICS-AN1014 Datasheet
258Kb / 25P
   HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
AN979 STMICROELECTRONICS-AN979 Datasheet
145Kb / 14P
   DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
logo
Maxim Integrated Produc...
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
   USB Host Adapter Emulators
19-6472; Rev 4; 9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com