Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC283TDTR-3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC283TDTR-3
Description  LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC283TDTR-3 Datasheet(HTML) 3 Page - Texas Instruments

  UCC283TDTR-3 Datasheet HTML 1Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 2Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 3Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 4Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 5Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 6Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 7Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 8Page - Texas Instruments UCC283TDTR-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics TA = 0°C to 70°C for the UCC383−x series, TA = −40°C to 85°C for the
UCC283−x, VVIN = VVOUT + 1.5 V, IOUT = 10 mA, CIN = 10 mF, COUT = 22 mF. For the UCC283−ADJ, VVIN
= 6.5 V, VOUT = 5.0 V, CT = 750 pF, TJ = TA unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UCC283−5 Fixed 5 V, 3 A Family
Output voltage
TJ = 25°C
4.925
5
5.075
V
Output voltage
Over temperature
4.875
5.125
V
Line regulation
VVIN = 5.15 V to 9 V
2
10
mV
Load regulation
IOUT = 10 mA to 3 A
10
20
mV
IOUT = 3 A,
VOUT = 4.85 V
0.4
0.6
V
Dropout voltage, VDROPOUT = VVIN − VVOUT
IOUT = 1.5 A,
VOUT = 4.85 V
0.2
0.45
V
Dropout voltage, VDROPOUT = VVIN − VVOUT
IOUT = 10 mA,
VOUT = 4.85 V
50
150
mV
Peak current limit
VVOUT = 0 V
4
7
10
A
Overcurrent threshold
3
4
5.5
A
Current limit duty cycle
VVOUT = 0 V
3%
5%
Overcurrent time out, tON
VVOUT = 0 V
400
750
1400
µs
Quiescent current
No load
400
650
µA
Reverse leakage current
1 V < VVIN < VVOUT,
VVOUT ≤ 5.1 V, at VVOUT
30
75
µA
Undervoltage lockout
VIN where VOUT passes current
2.5
2.8
3
V
UCC283−3 Fixed 3.3 V, 3 A Family
Output voltage
TJ = 25°C
3.25
3.3
3.35
V
Output voltage
Over temperature
3.22
3.38
V
Line regulation voltage
VVIN = 3.45 V to 9 V
2
7
mV
Load regulation voltage
IOUT = 10 mA to 3 A
7
15
mV
IOUT = 3A,
VOUT = 3.15 V
0.5
1
V
Dropout voltage, VDROPOUT = VVIN − VVOUT
IOUT = 1.5A,
VOUT = 3.15 V
0.25
0.6
V
Dropout voltage, VDROPOUT = VVIN − VVOUT
IOUT = 10mA,
VOUT = 3.15 V
50
150
mV
Peak current limit
VVOUT = 0 V
4
7
10
A
Overcurrent threshold
3
4
5.5
A
Current limit duty cycle
VVOUT = 0 V
3%
5%
Overcurrent time out, tON
VVOUT = 0 V
400
750
1400
µs
Quiescent current
No load
400
650
µA
Reverse leakage current
1 V < VVIN < VVOUT,
VVOUT ≤ 3.35 V at VVOUT
30
75
µA
Undervoltage lockout
VIN where VOUT passes current
2.5
2.8
3
V


Similar Part No. - UCC283TDTR-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283TDTR-3 TI1-UCC283TDTR-3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283TDTR-3 TI1-UCC283TDTR-3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC283TDTR-3G3 TI1-UCC283TDTR-3G3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283TDTR-3G3 TI1-UCC283TDTR-3G3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283TDTR-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com