Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC7MDT10-D20 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AC7MDT10-D20
Description  The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AC7MDT10-D20 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AC7MDT10-D20 Datasheet HTML 6Page - STMicroelectronics AC7MDT10-D20 Datasheet HTML 7Page - STMicroelectronics AC7MDT10-D20 Datasheet HTML 8Page - STMicroelectronics AC7MDT10-D20 Datasheet HTML 9Page - STMicroelectronics AC7MDT10-D20 Datasheet HTML 10Page - STMicroelectronics AC7MDT10-D20 Datasheet HTML 11Page - STMicroelectronics AC7MDT10-D20 Datasheet HTML 12Page - STMicroelectronics AC7MDT10-D20 Datasheet HTML 13Page - STMicroelectronics AC7MDT10-D20 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Connecting to the application board for emulation
UM0139
10/38
2.3
SO16 microcontroller package
1.
Solder the connection pins onto your application board in place of your microcontroller
in SO16 package.
Figure 6.
Solder the SO16 socket to your application board
2.
Align the pin 1 indicators and then insert the pins of the DB483A flex adapter into the
DIP16/SO16 device adapter (DB489) as shown in Figure 7.
3.
Align the pin 1 indicators and then insert the pins soldered on your application board
into the DIP16/SO16 device adapter (DB489).
Note:
Care must be taken when designing the circuitry
surrounding the component-side footprint for the
emulated SO16 device on your application board. This
is because the provided set of connection pins has
larger pins than the actual SO16 microcontroller
package.
If wire on wire connections are made on the SO16
(150-mil width) footprint between the two 8-pin rows
(as shown on the top-right), a short circuit may occur
when soldering the connection pins for the emulator on
the same footprint.
To avoid short circuits we recommend using wire on
wire connections as shown in the illustration on the
bottom-right.
SO16
(0.15”)
footprint
SO16
(0.15”)
footprint


Similar Part No. - AC7MDT10-D20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AC7MDT10-D20 STMICROELECTRONICS-AC7MDT10-D20 Datasheet
152Kb / 3P
   DIP20/SO20 Connection Kit for ST7MDT10-EMU3
More results

Similar Description - AC7MDT10-D20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0250 STMICROELECTRONICS-UM0250 Datasheet
244Kb / 12P
   Getting started with the ST7
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
   In general the ADC embedded in the ST7 microcontroller
AN2615 STMICROELECTRONICS-AN2615 Datasheet
529Kb / 37P
   In general the ADC embedded in the ST7 microcontroller
UM0323 STMICROELECTRONICS-UM0323 Datasheet
2Mb / 24P
   STEVAL-PCC001V1 - Getting started with the ST7
logo
Analog Devices
ADA-JET-ARM20 AD-ADA-JET-ARM20 Datasheet
480Kb / 19P
   JTAG Probes for Signum Emulators
logo
STMicroelectronics
ST7MDTX-EMU2 STMICROELECTRONICS-ST7MDTX-EMU2 Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
ST7MDTX-EMU2B STMICROELECTRONICS-ST7MDTX-EMU2B Datasheet
111Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
AN1014 STMICROELECTRONICS-AN1014 Datasheet
258Kb / 25P
   HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
AN979 STMICROELECTRONICS-AN979 Datasheet
145Kb / 14P
   DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
logo
Maxim Integrated Produc...
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
   USB Host Adapter Emulators
19-6472; Rev 4; 9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com