Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEF033 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEF033
Description  Electronic fuse for 3.3 V line
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF033 Datasheet(HTML) 5 Page - STMicroelectronics

  STEF033 Datasheet HTML 1Page - STMicroelectronics STEF033 Datasheet HTML 2Page - STMicroelectronics STEF033 Datasheet HTML 3Page - STMicroelectronics STEF033 Datasheet HTML 4Page - STMicroelectronics STEF033 Datasheet HTML 5Page - STMicroelectronics STEF033 Datasheet HTML 6Page - STMicroelectronics STEF033 Datasheet HTML 7Page - STMicroelectronics STEF033 Datasheet HTML 8Page - STMicroelectronics STEF033 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID025099 Rev 2
5/25
STEF033
Maximum ratings
25
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Positive power supply voltage
- 0.3 to 10
V
VOUT/source
VOUT pin voltage
- 0.3 to 7
V
VOUT pin voltage (100 ms)
- 0.3 to Vcc+0.3
I-Lim+/I-Lim-
Current limit pin voltage
-0.3 to 7
V
Current limit pin voltage (100 ms)
- 0.3 to VCC+0.3
En/Fault
Enable/Fault pin voltage
- 0.3 to 4.6
V
dv/dt
dv/dt pin voltage
- 0.3 to 4.6
V
TOP
Operating junction temperature range(1)
1.
The thermal limit is set above the maximum thermal rating. It is not recommended to operate the device at
temperatures greater than the maximum ratings for extended periods of time.
- 40 to 125
°C
TSTG
Storage temperature range
- 65 to 150
°C
TLEAD
Lead temperature (soldering) 10 sec
260
°C
Table 3. Recommended operating condition
Symbol
Parameter
Value
Unit
VCC
Positive power supply voltage
3.1 to 8
V
R-limit
Current limitation resistor range, STEF033, STEF033A
10 to 120
Ω
Current limitation resistor range, STEF033J, STEF033JA
15 to 120
Cdv/dt
Soft-start capacitor range
0 to 1
nF
VEN
Enable/Fault pin voltage
0 to 3.6
V
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient, DFN10
70
°C/W
Thermal resistance junction-ambient, Flip Chip
90
RthJC
Thermal resistance junction-case, DFN10
34


Similar Part No. - STEF033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
   Electronic fuse for 5 V line
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
   Electronic fuse for 5 V line
March 2013 Rev 1
STEF05PUR STMICROELECTRONICS-STEF05PUR Datasheet
1Mb / 20P
   Electronic fuse for 5 V line
More results

Similar Description - STEF033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
   Electronic fuse for 12 V line
Rev 5 - March 2022
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
   Electronic fuse for 12 V line
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
   Electronic fuse for 5 V line
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
   Electronic fuse for 12 V line
Rev 2 - June 2022
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
   Electronic fuse for 5 V line
March 2013 Rev 1
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
   Electronic fuse for 3.3 V and 5 V lines
December 2014 Rev 2
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
   Electronic fuse for 3.3 V and 5 V lines
logo
ON Semiconductor
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5431 ONSEMI-NIS5431 Datasheet
81Kb / 8P
   3.3 Volt Electronic Fuse
July, 2016 ??Rev. 5
NIS6432 ONSEMI-NIS6432_V01 Datasheet
533Kb / 13P
   Electronic Fuse, 3.3/5 Volt
November, 2020 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com