Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W6810 Datasheet(PDF) 30 Page - Winbond

Part # W6810
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6810 Datasheet(HTML) 30 Page - Winbond

Back Button W6810 Datasheet HTML 26Page - Winbond W6810 Datasheet HTML 27Page - Winbond W6810 Datasheet HTML 28Page - Winbond W6810 Datasheet HTML 29Page - Winbond W6810 Datasheet HTML 30Page - Winbond W6810 Datasheet HTML 31Page - Winbond W6810 Datasheet HTML 32Page - Winbond W6810 Datasheet HTML 33Page - Winbond W6810 Datasheet HTML 34Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
W6810
- 30 -
VAG 20
AI+ 19
AI- 18
AO 17
µ/A 16
VSS 15
FST 14
PCMT 13
BCLKT 12
MCLK 11
1 VREF
2 RO-
3 PAI
4 PAO-
5 PAO+
6 VDD
7 FSR
8 PCMR
9 BCLKR
10 PUI
0.1µF
27kΩ
0.1µF
VDD
2.048 MHz
PCM OUT
PCM IN
8 kHz
VDD
1kΩ
0.01µF
100kΩ
100kΩ
1kΩ
1.0 µF
1.0 µF
27kΩ
1.5k Ω
1.5k Ω
Electret Microphone
WM -54B Panasonic
Speake
Power
Control
1kΩ
200 pF
VAG 20
AI+ 19
AI- 18
AO 17
µ/A 16
VSS 15
FST 14
PCMT 13
BCLKT 12
MCLK 11
1 VREF
2 RO-
3 PAI
4 PAO-
5 PAO+
6 VDD
7 FSR
8 PCMR
9 BCLKR
10 PUI
PDIP/SOG/SSOP/TSSOP
27kΩ
0.1µF
VDD
2.048 MHz
PCM OUT
PCM IN
8 kHz
VDD
1kΩ
0.01µF
100kΩ
100kΩ
1kΩ
1.0 µF
1.0 µF
27kΩ
27kΩ
1.5k Ω
1.5k Ω
Electret Microphone
WM -54B Panasonic
Speaker
Power
Control
1kΩ
200 pF
Figure 11.3 Handset Interface
VAG 20
AI+ 19
AI- 18
AO 17
µ/A 16
VSS 15
FST 14
PCMT 13
BCLKT 12
MCLK 11
1 VREF
2 RO-
3 PAI
4 PAO-
5 PAO+
6 VDD
7 FSR
8 PCMR
9 BCLKR
10 PUI
PDIP/SOG/SSOP/T
0.1
µF
27k
27k
0.1
µF
VDD
4.096 MHz
PCM OUT
PCM IN
8 kHz
VDD
27k
0.01
µF
27k
1.0
µF
600
N=
1
N=
1
TIP
RI
NG
600
B1– 0V
B2- +5V
Power
Control
VAG 20
AI+ 19
AI- 18
AO 17
µ/A 16
VSS 15
FST 14
PCMT 13
BCLKT 12
MCLK 11
1 VREF
2 RO-
3 PAI
4 PAO-
5 PAO+
6 VDD
7 FSR
8 PCMR
9 BCLKR
10 PUI
PDIP/SOG/SSOP/TSSOP
27k
0.1
µF
VDD
4.096 MHz
PCM OUT
PCM IN
8 kHz
VDD
600
N=
1
N=
1
600
N=
1
N=
1
TIP
RI
NG
600
B1– 0V
B2- +5V
Power
Control
Figure 11.4 Transformer Interface Circuit in GCI mode


Similar Part No. - W6810

ManufacturerPart #DatasheetDescription
logo
Winbond
W6810 WINBOND-W6810 Datasheet
597Kb / 16P
   Codec Evaluation System User?셲 Guide
W6810 WINBOND-W6810 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W6810 NUVOTON-W6810 Datasheet
902Kb / 35P
   W6810 SINGLE CHANNEL VOICECODEC
logo
Winbond
W6810ES WINBOND-W6810ES Datasheet
548Kb / 6P
   Single Channel CODEC Mini Evaluation Board
W6810IE WINBOND-W6810IE Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
More results

Similar Description - W6810

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com