Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W6810 Datasheet(PDF) 24 Page - Winbond

Part # W6810
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6810 Datasheet(HTML) 24 Page - Winbond

Back Button W6810 Datasheet HTML 20Page - Winbond W6810 Datasheet HTML 21Page - Winbond W6810 Datasheet HTML 22Page - Winbond W6810 Datasheet HTML 23Page - Winbond W6810 Datasheet HTML 24Page - Winbond W6810 Datasheet HTML 25Page - Winbond W6810 Datasheet HTML 26Page - Winbond W6810 Datasheet HTML 27Page - Winbond W6810 Datasheet HTML 28Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
W6810
- 24 -
10.4. ANALOG INPUT AND OUTPUT AMPLIFIER PARAMETERS
VDD=5V ±10%; VSS=0V; TA=-40°C to +85°C; all analog signals referred to VAG;
PARAMETER
SYM.
CONDITION
MIN.
TYP.
MAX.
UNIT.
AI Input Offset Voltage
VOFF,AI
AI+, AI-
---
---
±25
mV
AI Input Current
IIN,AI
AI+, AI-
---
±0.1
±1.0
µA
AI Input Resistance
RIN,AI
AI+, AI- to VAG
10
---
---
M
AI Input Capacitance
CIN,AI
AI+, AI-
---
---
10
pF
AI Common Mode Input Voltage
Range
VCM,AI
AI+, AI-
1.2
---
VDD-1.2
V
AI Common Mode Rejection
Ratio
CMRRTI
AI+, AI-
---
60
---
dB
AI Amp Gain Bandwidth Product
GBWTI
AO, RLD≥10kΩ
---
2150
---
kHz
AI Amp DC Open Loop Gain
GTI
AO, RLD≥10kΩ
---
95
---
dB
AI Amp Equivalent Input Noise
NTI
C-Message Weighted
---
-24
---
dBrnC
AO Output Voltage Range
VTG
RLD=10kΩ to VAG
RLD=2kΩ to VAG
0.5
1.0
---
---
VDD-0.5
VDD-1.0
V
Load Resistance
RLDTGRO
AO, RO to VAG
2
---
---
k
Load Capacitance
CLDTGRO
AO, RO
---
---
100
pF
AO & RO Output Current
IOUT1
0.5
≤AO,RO-≤ VDD-0.5
±1.0
---
---
mA
RO- Output Resistance
RRO-
RO-, 0 to 3400 Hz
---
1
---
RO- Output Offset Voltage
VOFF,RO-
RO- to VAG
---
---
±25
mV
Analog Ground Voltage
VAG
Relative to VSS
2.429
2.5
2.573
V
VAG Output Resistance
RVAG
Within
±25mV change
---
2.5
12.5
Power Supply Rejection Ratio (0
to 100 kHz to VDD, C-message)
PSRR
Transmit
Receive
30
30
80
75
---
---
dBC
PAI Input Offset Voltage
VOFF,PAI
PAI
---
---
±20
mV
PAI Input Current
IIN,PAI
PAI
---
±0.05
±1.0
µA
PAI Input Resistance
RIN,PAI
PAI to VAG
10
---
---
M
PAI Amp Gain Bandwidth
Product
GBWPI
PAO- no load
---
1000
---
kHz
Output Offset Voltage
VOFF,PO
PAO+ to PAO-
---
---
±50
mV
Load Resistance
RLDPO
PAO+, PAO-
differentially
300
---
---
Load Capacitance
CLDPO
PAO+, PAO-
differentially
---
---
1000
pF


Similar Part No. - W6810

ManufacturerPart #DatasheetDescription
logo
Winbond
W6810 WINBOND-W6810 Datasheet
597Kb / 16P
   Codec Evaluation System User?셲 Guide
W6810 WINBOND-W6810 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W6810 NUVOTON-W6810 Datasheet
902Kb / 35P
   W6810 SINGLE CHANNEL VOICECODEC
logo
Winbond
W6810ES WINBOND-W6810ES Datasheet
548Kb / 6P
   Single Channel CODEC Mini Evaluation Board
W6810IE WINBOND-W6810IE Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
More results

Similar Description - W6810

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com