Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1S15J18R Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1S15J18R
Description  Short-circuit and thermal protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15J18R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1S15J18R Datasheet HTML 4Page - STMicroelectronics ST1S15J18R Datasheet HTML 5Page - STMicroelectronics ST1S15J18R Datasheet HTML 6Page - STMicroelectronics ST1S15J18R Datasheet HTML 7Page - STMicroelectronics ST1S15J18R Datasheet HTML 8Page - STMicroelectronics ST1S15J18R Datasheet HTML 9Page - STMicroelectronics ST1S15J18R Datasheet HTML 10Page - STMicroelectronics ST1S15J18R Datasheet HTML 11Page - STMicroelectronics ST1S15J18R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical characteristics
ST1S15
8/27
DocID023280 Rev 4
4
Electrical characteristics
- 40 °C < TA < 85 °C, CIN = 4.7 µF nominal, COUT = 4.7 µF nominal, L = 470 nH, typical
values are at TA = 25 °C, VEN = VIN unless otherwise specified.
Table 7: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VIN
Operating input voltage range
2.3
5.5
V
VUVLO
Undervoltage lockout
threshold
VIN rising
2.1
2.2
V
VIN falling
1.8
1.9
IQ
PFM mode quiescent current
No load
45
60
µA
PWM mode quiescent current
No load
15
mA
Shutdown current
VEN = 0
0.5
5
µA
fSW
Switching frequency
5.4
6
6.6
MHz
IOUT
Continuous output current
(1)
VIN ≥ VOUT + 0.40 V
500
mA
ISC
Short-circuit current
(2)
1200
mA
IPFM-PWM
PFM to PWM transition
VIN = 3.6 V, VOUT = 1.82 V
200
mA
PWM to PFM transition
100
h
Efficiency
(VIN = 3.6 V, VOUT = 1.82 V)
IOUT = 10 mA PFM mode
80
%
IOUT = 150 mA
83
tON
Start-up time
VEN from low to high,
VIN = 3.6 V, VOUT = 1.82 V
260
µs
TSHDN
Thermal shutdown
125
°C
Hysteresis
30
°C
Output voltage
VOUT
Accuracy (ST1S15J18)
2.3 ≤ VIN ≤ 5.5 V,
IOUT= 10 mA, PWM mode,
-
40 ≤ TA ≤ 85 °C
1.78
1.82
1.86
V
2.3 ≤ VIN ≤ 5.5 V,
IOUT= 10 mA, PFM mode,
-
40 ≤ TA ≤ 85 °C
1.78
1.82
1.86
Load regulation
2.3 ≤ VIN ≤ 5.5 V,
VOUT=1.82 V, IOUT = 0 to
500 mA, PWM mode,
-
40 ≤ TA ≤ 85 °C
-1.5
%
VOUT_Ripple
Peak-to-peak output voltage
ripple
PWM mode,
IOUT = 150 mA, VIN = 3.6 V,
VOUT = 1.82 V
10
mV
PFM mode,
IOUT = 150 mA, VIN = 3.6 V,
VOUT = 1.82 V
30
mV
ILKFB
FB pin leakage current
VFB = 5.5 V
9
µA


Similar Part No. - ST1S15J18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S10 STMICROELECTRONICS-ST1S10 Datasheet
787Kb / 26P
   3 A, 900 kHz, monolithic synchronous step-down regulator
ST1S10PHR STMICROELECTRONICS-ST1S10PHR Datasheet
787Kb / 26P
   3 A, 900 kHz, monolithic synchronous step-down regulator
ST1S10PUR STMICROELECTRONICS-ST1S10PUR Datasheet
787Kb / 26P
   3 A, 900 kHz, monolithic synchronous step-down regulator
ST1S12G12R STMICROELECTRONICS-ST1S12G12R Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S12G12R STMICROELECTRONICS-ST1S12G12R Datasheet
318Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
More results

Similar Description - ST1S15J18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
   Thermal and short-circuit protection
logo
Vicor Corporation
DCM4623XD2N13C8YZZ VICOR-DCM4623XD2N13C8YZZ Datasheet
1Mb / 25P
   OV, OC, UV, short circuit and thermal protection
logo
Infineon Technologies A...
TLE8209-4SA INFINEON-TLE8209-4SA Datasheet
703Kb / 38P
   Short circuit and overtemperature protection
logo
Laird Tech Smart Techno...
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com