Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD39030SJ126R Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD39030SJ126R
Description  Digital still cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39030SJ126R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD39030SJ126R Datasheet HTML 7Page - STMicroelectronics LD39030SJ126R Datasheet HTML 8Page - STMicroelectronics LD39030SJ126R Datasheet HTML 9Page - STMicroelectronics LD39030SJ126R Datasheet HTML 10Page - STMicroelectronics LD39030SJ126R Datasheet HTML 11Page - STMicroelectronics LD39030SJ126R Datasheet HTML 12Page - STMicroelectronics LD39030SJ126R Datasheet HTML 13Page - STMicroelectronics LD39030SJ126R Datasheet HTML 14Page - STMicroelectronics LD39030SJ126R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID18103 Rev 5
11/18
LD39030SJ
Typical performance characteristics
18
Figure 11. Enable threshold vs. temperature
Figure 12. Quiescent current vs. temperature
Figure 13. Supply voltage rejection vs.
temperature (Freq. = 1 kHz)
Figure 14. Supply voltage rejection vs.
frequency (VIN = 1.6 V to 1.8 V)
Figure 15. Supply voltage rejection vs.
temperature (Freq. = 10 kHz)
Figure 16. Supply voltage rejection vs.
frequency (VIN = 2.1 V to 2.3 V)
V
OUT
= 1.2 V
V
IN
= 2.2 V; I
OUT
= 1 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-75
-50
-25
0
25
50
75
100
125
150
175
TEMPERATURE [°C]
V
OUT
= 1.2 V
V
IN
= 2.2 V; I
OUT
= 1 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-75
-50
-25
0
25
50
75
100
125
150
175
TEMPERATURE [°C]
V
OUT
= 1.2 V
V
IN
= 2.2 V; I
OUT
= 0.3 A
0
10
20
30
40
50
60
70
80
90
-75
-50
-25
0
25
50
75
100
125
150
175
TEMPERATURE [°C]
V
OUT
= 1.2 V
V
IN
= 2.2 V; I
OUT
= 0.3 A
0
10
20
30
40
50
60
70
80
90
-75
-50
-25
0
25
50
75
100
125
150
175
TEMPERATURE [°C]
V
IN
from 2.1 V to 2.3 V, Freq. = 1 kHz
V
OUT
= 1.2 V
I
OUT
= 10 mA
50
55
60
65
70
75
80
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN
from 2.1 V to 2.3 V, Freq. = 1 kHz
V
OUT
= 1.2 V
I
OUT
= 10 mA
50
55
60
65
70
75
80
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN
from 1.6 V to 1.8 V, I
OUT
= 10 mA
V
OUT
= 1.2 V
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
100
120
Frequency [kHz]
V
IN
from 1.6 V to 1.8 V, I
OUT
= 10 mA
V
OUT
= 1.2 V
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
100
120
Frequency [kHz]
I
OUT
= 10 mA
V
IN
from 1.6 V to 1.8 V, Freq. = 10 kHz
V
OUT
= 1.2 V
50
55
60
65
70
75
80
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
I
OUT
= 10 mA
V
IN
from 1.6 V to 1.8 V, Freq. = 10 kHz
V
OUT
= 1.2 V
50
55
60
65
70
75
80
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN
from 2.1 V to 2.3 V, I
OUT
= 10 mA
V
OUT
= 1.2 V
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
Frequency [kHz]
V
IN
from 2.1 V to 2.3 V, I
OUT
= 10 mA
V
OUT
= 1.2 V
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
Frequency [kHz]


Similar Part No. - LD39030SJ126R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39030 STMICROELECTRONICS-LD39030 Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
LD39030DTPU28R STMICROELECTRONICS-LD39030DTPU28R Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
LD39030DTPU33R STMICROELECTRONICS-LD39030DTPU33R Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
More results

Similar Description - LD39030SJ126R

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
   Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
   Digital Still Cameras
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
logo
Sanyo Semicon Device
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
   Driver for Digital Still Cameras
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802_1 Datasheet
346Kb / 7P
   Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
logo
Sanyo Semicon Device
LB8655T SANYO-LB8655T Datasheet
58Kb / 5P
   Monolithic Digital IC Driver for Digital Still Cameras
LB8652T SANYO-LB8652T Datasheet
96Kb / 8P
   Monolithic Digital IC Driver for Digital Still Cameras
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
logo
Advanced Analogic Techn...
AAT2610 ANALOGICTECH-AAT2610 Datasheet
5Mb / 33P
   7-Channel PMU for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com