Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD39015M15R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD39015M15R
Description  Very low noise without bypass capacitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015M15R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD39015M15R Datasheet HTML 3Page - STMicroelectronics LD39015M15R Datasheet HTML 4Page - STMicroelectronics LD39015M15R Datasheet HTML 5Page - STMicroelectronics LD39015M15R Datasheet HTML 6Page - STMicroelectronics LD39015M15R Datasheet HTML 7Page - STMicroelectronics LD39015M15R Datasheet HTML 8Page - STMicroelectronics LD39015M15R Datasheet HTML 9Page - STMicroelectronics LD39015M15R Datasheet HTML 10Page - STMicroelectronics LD39015M15R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID14003 Rev 4
7/16
LD39015
Electrical characteristics
16
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 5. Electrical characteristics (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.5
5.5
V
VUVLO
Turn-on threshold
1.45
1.48
V
Turn-off threshold
1.30
1.35
mV
VOUT
VOUT accuracy
VOUT > 1.5 V, IOUT = 1 mA
TJ = 25 °C
-2.0
2.0
%
VOUT > 1.5 V, IOUT = 1 mA
-40 °C < TJ < 125 °C
-3.0
3.0
VOUT ≤ 1.5 V, IOUT = 1 mA
±10
mV
VOUT ≤ 1.5 V, IOUT = 1 mA
-40 °C < TJ < 125 °C
±30
ΔVOUT Static line regulation
VOUT +1 V ≤ VIN ≤ 5.5 V
IOUT = 1 mA
0.01
%/V
ΔVOUT Transient line regulation (2)
ΔVIN = + 500 mV, IOUT = 1 mA
TR = TF = 5 µs
10
mVpp
ΔVOUT Static load regulation
IOUT = 1 mA to 150 mA
0.002
%/mA
ΔVOUT Transient load regulation (2)
IOUT = 1 mA to 150 mA
TR = TF = 5 µs
40
mVpp
VDROP Dropout voltage
(3)
IOUT = 100 mA, VOUT > 1.5 V
-40 °C < TJ < 125 °C
80
100
mV
eN
Output noise voltage
1.1 kHz to 100 kHz, IOUT = 10 mA
VOUT = 0.8 V
29
µVRMS
SVR
Supply voltage rejection
VOUT = 1.5 V
VIN = VOUTNOM + 0.5 V +/-VRIPPLE
VRIPPLE = 0.1 V, freq. = 1 kHz
IOUT = 10 mA
65
dB
VIN = VOUTNOM + 0.5 V +/-VRIPPLE
VRIPPLE = 0.1 V, freq.=10 kHz
IOUT = 10 mA
62
IQ
Quiescent current
IOUT = 0 mA
18
µA
IOUT = 0 mA, -40 °C < TJ < 125 °C
50
IOUT = 0 to 150 mA
38
IOUT = 0 to 150 mA
-40 °C < TJ< 125 °C
70
VIN input current in OFF mode:
VEN = GND
0.001
1


Similar Part No. - LD39015M15R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015M15R STMICROELECTRONICS-LD39015M15R Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015M15R STMICROELECTRONICS-LD39015M15R Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
More results

Similar Description - LD39015M15R

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
EUP7221 EUTECH-EUP7221 Datasheet
99Kb / 1P
   Triple, Low-Noise, High-PSRR, 150mA LDO Without Bypass Capacitor
EUP7230 EUTECH-EUP7230 Datasheet
72Kb / 1P
   Dual, Low-Noise, High-PSRR, 300mA LDO without Bypass Capacitor
EUP7914 EUTECH-EUP7914 Datasheet
389Kb / 9P
   150mA Low-Noise LDO in SC-82 Without A Bypass Capacitor
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Mini-Circuits
TSS-53LNB MINI-TSS-53LNB Datasheet
336Kb / 5P
   Low Noise Bypass Amplifier
TSS-53LNB3 MINI-TSS-53LNB3 Datasheet
348Kb / 5P
   Low Noise Bypass Amplifier
logo
TriQuint Semiconductor
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
   Ultra Low-Noise, Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com