Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6738A Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6738A
Description  Embedded bootstrap diode
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6738A Datasheet HTML 7Page - STMicroelectronics L6738A Datasheet HTML 8Page - STMicroelectronics L6738A Datasheet HTML 9Page - STMicroelectronics L6738A Datasheet HTML 10Page - STMicroelectronics L6738A Datasheet HTML 11Page - STMicroelectronics L6738A Datasheet HTML 12Page - STMicroelectronics L6738A Datasheet HTML 13Page - STMicroelectronics L6738A Datasheet HTML 14Page - STMicroelectronics L6738A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
L6738A
Electrical specifications
Doc ID 18134 Rev 2
11/32
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Electrical characteristics
(VCC = 5 V to 12 V; Tj = 0
° to 70 ° C unless otherwise specified).
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC,VCCDR
to GND
-0.3 to 15
V
VBOOT, VUGATE
to GND
to PHASE
to GND, VCCDR = 12 V, t < 200 nsec.
-0.3 to 41
15
45
V
VPHASE
to GND
to GND, VCCDR = 12 V, t < 200 nsec.
-5 to 26
-8 to 30
V
VLGATE
to GND
-0.3 to VCCDR + 0.3
V
EN
to GND, VCC < 7 V
to GND, VCC > 7 V
-0.3 to VCC + 0.3
-0.3 to 7
V
CSP, CSN
to GND(1)
1.
Current sense network needs to be properly bias and loop closed.
-0.3 to VCC - 1.5
V
All other pins to GND
-0.3 to 3.6
V
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
ICC
VCC supply current
EN = HIGH
9
mA
EN = GND
8
mA
ICCDR
VCCDR supply current
UGATE and LGATE = Open
2.6
mA
EN = GND
UGATE and LGATE = Open
0.3
mA
UVLOVCC,
UVLOVCCDR
Turn-ON threshold
VCC, VCCDR rising
4.1
V
Hysteresis
0.2
V
Oscillator enable and soft-start
FSW
Main oscillator accuracy
OSC = open
180
200
220
kHz
kOSC
Oscillator gain
Current sink/source from OSC
10
kHz/
µA
Tss
Soft-start time
OSC = open
4.5
5.12
5.7
msec
Tssdelay
SS delay
OSC = open, before SS
4.5
5.12
5.7
msec


Similar Part No. - L6738A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6738 STMICROELECTRONICS-L6738 Datasheet
787Kb / 32P
   Single-phase PWM controller with light-load efficiency optimization
L6738TR STMICROELECTRONICS-L6738TR Datasheet
787Kb / 32P
   Single-phase PWM controller with light-load efficiency optimization
More results

Similar Description - L6738A

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1430GEU6-HF A-POWER-AP1430GEU6-HF_16 Datasheet
68Kb / 5P
   Embedded Protection Diode
logo
International Rectifier
IRSM505-044 IRF-IRSM505-044_15 Datasheet
981Kb / 15P
   Integrated bootstrap functionality
logo
Rohm
BS2132F ROHM-BS2132F Datasheet
2Mb / 33P
   600V High Voltage 3 Phase Bridge Driver Integrated Bootstrap Diode
logo
Infineon Technologies A...
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
   600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
2ED2109S06F INFINEON-2ED2109S06F Datasheet
1Mb / 26P
   650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2108S06F INFINEON-2ED2108S06F Datasheet
1Mb / 25P
   650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED21091S06F INFINEON-2ED21091S06F Datasheet
1Mb / 26P
   650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
IRS2807DS INFINEON-IRS2807DS Datasheet
2Mb / 26P
   600-V High- and Low-Side Driver with Bootstrap Diode
Rev 1.1 2017-11-27
2ED2103S06F INFINEON-2ED2103S06F Datasheet
1Mb / 25P
   650 V half bridge gate driver with integrated bootstrap diode
V 2.3 2020-12-07
2ED2182S06F INFINEON-2ED2182S06F Datasheet
2Mb / 25P
   650 V half-bridge gate driver with integrated bootstrap diode
V 2.21 2020-07-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com