Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6732C Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6732C
Description  Soft-start and inhibit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732C Datasheet(HTML) 1 Page - STMicroelectronics

  L6732C Datasheet HTML 1Page - STMicroelectronics L6732C Datasheet HTML 2Page - STMicroelectronics L6732C Datasheet HTML 3Page - STMicroelectronics L6732C Datasheet HTML 4Page - STMicroelectronics L6732C Datasheet HTML 5Page - STMicroelectronics L6732C Datasheet HTML 6Page - STMicroelectronics L6732C Datasheet HTML 7Page - STMicroelectronics L6732C Datasheet HTML 8Page - STMicroelectronics L6732C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
May 2006
Rev 2
1/32
32
L6732C
Adjustable step-down controller with synchronous rectification
Features
Input voltage range from 1.8V to 14V
Supply voltage range from 4.5V to 14V
Adjustable output voltage down to 0.6V with
±0.8% accuracy over line voltage and
temperature (0°C~125°C)
Fixed frequency voltage mode control
TON lower than 100ns
0% to 100% duty cycle
External input voltage reference
Soft-start and inhibit
High current embedded drivers
Predictive anti-cross conduction control
Programmable high-side and low-side RDS(on)
Sense over-current-protection
Selectable switching frequency 250KHz/
500KHz
Pre-bias start up capability
Power good output
Master/slave synchronization with 180° phase
shift
Over voltage protection
Thermal shut-down
Package: HTSSOP16
Applications
High performance / high density DC-DC
modules
Low voltage distributed DC-DC
niPOL converters
DDR memory supply
Graphic cards
HTSSOP16 (Exposed Pad)
www.st.com
Order Codes
Part number
Package
Packing
L6732C
HTSSOP16
Tube
L6732CTR
HTSSOP16
Tape & Reel
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L6732C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6732TR STMICROELECTRONICS-L6732TR Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6732TR STMICROELECTRONICS-L6732TR Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
More results

Similar Description - L6732C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AST1S31HF STMICROELECTRONICS-AST1S31HF Datasheet
1Mb / 33P
   Internal soft-start and enable
March 2016 Rev 2
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
   Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
   Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
   Soft start valve
3/31/22
542569 FESTO-542569 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
532049 FESTO-532049 Datasheet
86Kb / 2P
   Soft start valve
4/1/22
logo
Unisonic Technologies
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
239Kb / 5P
   Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com