Electronic Components Datasheet Search |
|
SR0603MK-1397K6L Datasheet(PDF) 5 Page - YAGEO Corporation |
|
SR0603MK-1397K6L Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 12 page SERIES YC/TC 102 to 358 Chip Resistor Surface Mount www.yageo.com Feb. 16, 2017 V.5 Product specification 5 12 CONSTRUCTION The resistor is constructed on top of a high-grade ceramic body. Internal metal electrodes are added on each end to make the contacts to the thick film resistive element. The composition of the resistive element is a noble metal imbedded into a glass and covered by a second glass to prevent environment influences. The resistor is laser trimmed to the rated resistance value. The resistor is covered with a protective epoxy coat, finally the two external terminations (matte tin on Ni- barrier) are added as shown in Fig.9. O OU UT TL LIIN NE ES S Fig. 10 Chip resistor outlines TC164 1-Digit marking E-24 series: 3 digits First two digits for significant figure and 3rd digit for number of zeros For further marking information, please refer to data sheet “Chip resistors marking”. Fig. 9 Jumper=0Ω 0 Fig. 9-1 Value=240KΩ 2 |
Similar Part No. - SR0603MK-1397K6L |
|
Similar Description - SR0603MK-1397K6L |