Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3SSAC70G16TB Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # S3SSAC70G16TB
Description  Three Phase Solid State AC Switch Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3SSAC70G16TB Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  S3SSAC70G16TB Datasheet HTML 1Page - Sirectifier Semiconductors S3SSAC70G16TB Datasheet HTML 2Page - Sirectifier Semiconductors S3SSAC70G16TB Datasheet HTML 3Page - Sirectifier Semiconductors S3SSAC70G16TB Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Test Conditions
Characteristic Values
Unit
V
VT, VF
IT, IF=210A;TVJ=25
oC
1.65
VTO
For power-loss calculations only
0.85
V
rT
3.2
m
VD=6V;
TVJ=25
oC
TVJ=-40
oC
VGT
1.5
1.6
V
VD=6V;
TVJ=25
oC
TVJ=-40
oC
IGT
100
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
5
mA
IH
TVJ=25
oC; VD=6V; RGK=
200
mA
TVJ=25
oC; tp=10us
IG=0.45A; diG/dt=0.45A/us
450
mA
IL
per thyristor/diode; DC current
per module
RthJC
0.42
0.07
K/W
per thyristor/diode; DC current
per module
RthJK
0.62
0.11
K/W
dS
Creeping distance on surface
12.5
mm
dA
Strike distance through air
7.5
mm
a
Maximum allowable acceleration
50
m/s
2
ID,IR
TVJ=TVJM; VR=VRRM; VD=VDRM
5
mA
TVJ=25
oC; VD=1/2VDRM
IG=0.45A; diG/dt=0.45A/us
tgd
2
us
TVJ=TVJM; IT=20A; tp=200us; -di/dt=10A/us
typ.
VR=100V; dv/dt=15V/us; VD=2/3VDRM
tq
185
us
IRM
45
A
FEATURES
ADVANTAGES
APPLICATIONS
S3SSAC70G16TB
1. Thyristor controller for AC
for mains frequency
2. Isolation voltage 3000 VAC
3. Package with metal base plate
!" Switching and control of three
#phase AC circuits
$" Light and temperature control
%"Softstart AC motor controller
 Solid state switches
 Easy to mount with two screws
 Space and weight savings
 Improved temperature and power
#cycling capability
 High power density
Three Phase Solid State AC Switch Modules
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S3SSAC70G16TB

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3SSAC70G16B SIRECTIFIER-S3SSAC70G16B Datasheet
127Kb / 4P
   Three Phase Solid State AC Switch Modules
More results

Similar Description - S3SSAC70G16TB

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3SSAC70G16B SIRECTIFIER-S3SSAC70G16B Datasheet
127Kb / 4P
   Three Phase Solid State AC Switch Modules
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
   THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
SWT862030 CELDUC-SWT862030 Datasheet
158Kb / 3P
   Three Phase Solid State Relays
SVT965760 CELDUC-SVT965760 Datasheet
128Kb / 3P
   Three Phase Solid State Relays
SVT965960 CELDUC-SVT965960 Datasheet
131Kb / 3P
   Three Phase Solid State Relays
SWT860390 CELDUC-SWT860390 Datasheet
133Kb / 3P
   Three Phase Solid State Relays
logo
Powersem GmbH
PSD12A122528 POWERSEM-PSD12A122528 Datasheet
119Kb / 2P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com