Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3PHBD70G08B Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # S3PHBD70G08B
Description  Three Phase Half Controlled Bridge Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PHBD70G08B Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  S3PHBD70G08B Datasheet HTML 1Page - Sirectifier Semiconductors S3PHBD70G08B Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S3PHB70,
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
Type
S3PHB70G08B
S3PHB70G12B
S3PHB70G14B
S3PHB70G16B
VRRM
V
800
1200
1400
1600
VRSM
V
900
1300
1500
1700
Dimensions in mm (1mm=0.0394")
S3PHBD70,
S3PFB70
S3PHBD70G08
S3PHBD70G12
S3PHBD70G14
S3PHBD70G16
S3PFB70G08B
S3PFB70G12B
S3PFB70G14B
S3PFB70G16B
S3PHB70
S3PHBD70
S3PFB70
Symbol
Test Conditions
Maximum Ratings
Unit
Tc=85oC, module
module
per leg
70
70
36
A
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
550
600
500
550
A
IFSM,ITSM
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
1520
1520
1250
1250
A2s
I
(di/dt)cr
150
500
A/us
(dv/dt)cr T
VJ
=TVJM;
VDR=2/3VDRM
RGK= ; method 1 (linear voltage rise)
1000
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=500us
tp = 10ms
10
5
1
W
Idav
Idavm
oC
TVJ
TVJM
Tstg
-40...+125
125
-40...+125
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
2500
3000
V~
Md
Mounting torque (M5)
(10-32 UNF)
_
Nm/lb.in.
Weight
95
g
TVJ=125oC
repetitive, IT=50A
f=50Hz, tp=200us
VD=2/3VDRM
IG=0.3A
non repetitive, IT=1/2
diG/dt=0.3A/us
IFRMS,ITRMS
2t
. Idav
5 ± 15 %
44 ± 15 %
typical
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S3PHBD70G08B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PHBD70G08 SIRECTIFIER-S3PHBD70G08 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
More results

Similar Description - S3PHBD70G08B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
IXYS Corporation
VVZ40 IXYS-VVZ40 Datasheet
51Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
VVZ12-16IO1 IXYS-VVZ12-16IO1 Datasheet
43Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
VVZ24 IXYS-VVZ24 Datasheet
146Kb / 3P
   Three Phase Half Controlled Rectifier Bridge
logo
Powersem GmbH
PSDH39 POWERSEM-PSDH39 Datasheet
151Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
logo
IXYS Corporation
VVZ24-12IO1 IXYS-VVZ24-12IO1 Datasheet
75Kb / 3P
   Three Phase Half Controlled Rectifier Bridge
logo
Sirectifier Semiconduct...
S1PHB50GKXXB SIRECTIFIER-S1PHB50GKXXB Datasheet
258Kb / 3P
   Single Phase Half Controlled Bridge Modules
S1PHB75GKXXB SIRECTIFIER-S1PHB75GKXXB Datasheet
259Kb / 3P
   Single Phase Half Controlled Bridge Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com