Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC283T-5 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC283T-5
Description  LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC283T-5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC283T-5 Datasheet HTML 7Page - Texas Instruments UCC283T-5 Datasheet HTML 8Page - Texas Instruments UCC283T-5 Datasheet HTML 9Page - Texas Instruments UCC283T-5 Datasheet HTML 10Page - Texas Instruments UCC283T-5 Datasheet HTML 11Page - Texas Instruments UCC283T-5 Datasheet HTML 12Page - Texas Instruments UCC283T-5 Datasheet HTML 13Page - Texas Instruments UCC283T-5 Datasheet HTML 14Page - Texas Instruments UCC283T-5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UCC283T-3
ACTIVE
TO-220
KC
3
50
None
CU SN
Level-NA-NA-NA
UCC283T-5
ACTIVE
TO-220
KC
3
50
None
CU SN
Level-NA-NA-NA
UCC283T-ADJ
ACTIVE
TO-220
KC
5
50
None
CU SN
Level-NA-NA-NA
UCC283TD-ADJ
OBSOLETE
DDPAK/
TO-263
KTT
5
None
Call TI
Call TI
UCC283TDKTTT-3
ACTIVE
DDPAK/
TO-263
KTT
3
50
None
CU SN
Level-2-220C-1 YEAR
UCC283TDKTTT-5
ACTIVE
DDPAK/
TO-263
KTT
3
50
None
CU SN
Level-2-220C-1 YEAR
UCC283TDKTTT-ADJ
ACTIVE
DDPAK/
TO-263
KTT
5
50
None
CU SN
Level-2-220C-1 YEAR
UCC283TDTR-3
ACTIVE
DDPAK/
TO-263
KTT
3
500
None
CU SN
Level-2-220C-1 YEAR
UCC283TDTR-5
ACTIVE
DDPAK/
TO-263
KTT
3
500
None
CU SN
Level-2-220C-1 YEAR
UCC283TDTR-ADJ
ACTIVE
DDPAK/
TO-263
KTT
5
500
None
CU SN
Level-2-220C-1 YEAR
UCC383T-3
ACTIVE
TO-220
KC
3
50
None
CU SN
Level-NA-NA-NA
UCC383T-5
ACTIVE
TO-220
KC
3
50
None
CU SN
Level-NA-NA-NA
UCC383T-ADJ
ACTIVE
TO-220
KC
5
50
None
CU SN
Level-NA-NA-NA
UCC383TD-3
OBSOLETE
DDPAK/
TO-263
KTT
3
None
Call TI
Call TI
UCC383TD-5
OBSOLETE
DDPAK/
TO-263
KTT
3
None
Call TI
Call TI
UCC383TD-ADJ
OBSOLETE
DDPAK/
TO-263
KTT
5
None
Call TI
Call TI
UCC383TDKTTT-3
ACTIVE
DDPAK/
TO-263
KTT
3
50
None
CU SN
Level-2-220C-1 YEAR
UCC383TDKTTT-5
ACTIVE
DDPAK/
TO-263
KTT
3
50
None
CU SN
Level-2-220C-1 YEAR
UCC383TDKTTT-ADJ
ACTIVE
DDPAK/
TO-263
KTT
5
50
None
CU SN
Level-2-220C-1 YEAR
UCC383TDTR-3
ACTIVE
DDPAK/
TO-263
KTT
3
500
None
CU SN
Level-2-220C-1 YEAR
UCC383TDTR-5
ACTIVE
DDPAK/
TO-263
KTT
3
500
None
CU SN
Level-2-220C-1 YEAR
UCC383TDTR-ADJ
ACTIVE
DDPAK/
TO-263
KTT
5
500
None
CU SN
Level-2-220C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
PACKAGE OPTION ADDENDUM
www.ti.com
9-Dec-2004
Addendum-Page 1


Similar Part No. - UCC283T-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283T-5 TI1-UCC283T-5 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283T-5 TI1-UCC283T-5 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC283T-5G3 TI1-UCC283T-5G3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283T-5G3 TI1-UCC283T-5G3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283T-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com