Electronic Components Datasheet Search |
|
SR0402KR-0797K6L Datasheet(PDF) 8 Page - YAGEO Corporation |
|
SR0402KR-0797K6L Datasheet(HTML) 8 Page - YAGEO Corporation |
8 / 12 page SERIES YC/TC 102 to 358 Chip Resistor Surface Mount www.yageo.com Feb. 16, 2017 V.5 Product specification 8 12 Table 2 FOOTPRINT AND SOLDERING PROFILES For recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”. ELECTRICAL CHARACTERISTICS TYPE POWER P70 OPERATING TEMP. RANGE MWV RCOV DWV RESISTANCE RANGE & TOLERANCE T. C. R. Jumper criteria (unit: A) YC102 1/32W -55°C to +125°C 15V 30V 30V E24 ± 5% E24/E96 ± 1% Jumper 10Ω ≤ R ≤ 1MΩ 10Ω ≤ R ≤ 1MΩ < 0.05Ω ± 200 ppm/°C Rated current Max. current 0.5 1.0 YC104 1/32W -55°C to +125°C 12.5V 25V 25V E24 ± 5% E24/E96 ± 1% Jumper 10Ω ≤ R ≤ 1MΩ 10Ω ≤ R ≤ 1MΩ < 0.05Ω Rated current Max. current 0.5 1.0 YC122 1/16W -55°C to +155°C 50V 100V 100V E24 ± 5% E24/E96 ± 1% Jumper 1Ω ≤ R ≤ 1MΩ 1Ω ≤ R ≤ 1MΩ < 0.05Ω 1Ω ≤ R ≤ 10Ω ± 250 ppm/°C 10Ω ≤ R ≤ 1MΩ ± 200 ppm/°C Rated current Max. current 0.5 1.0 YC124 1/16W -55°C to +155°C 25V 50V 100V E24 ± 5% E24/E96 ± 1% Jumper 1Ω ≤ R ≤ 1MΩ 1Ω ≤ R ≤ 1MΩ < 0.05Ω Rated current Max. current 1.0 2.0 YC162 1/16W -55°C to +155°C 50V 100V 100V E24 ± 5% E/24/E96 ± 1% Jumper 1Ω ≤ R ≤ 1MΩ 1Ω ≤ R ≤ 1MΩ < 0.05Ω Rated current Max. current 1.0 2.0 YC164 1/16W -55°C to +155°C 50V 100V 100V E24 ± 5% E24/E96 ± 1% Jumper 1Ω ≤ R ≤ 1MΩ 1Ω ≤ R ≤ 1MΩ < 0.05Ω ± 200 ppm/°C Rated current Max. current 1.0 2.0 YC248 1/16W -55°C to +155°C 50V 100V 100V E24 ± 5% E24/E96 ± 1% Jumper 10Ω ≤ R ≤ 1MΩ 10Ω ≤ R ≤ 1MΩ < 0.05Ω Rated current Max. current 2.0 10.0 YC324 1/8W -55°C to +155°C 200V 500V 500V E24 ± 5% E24/E96 ± 1% 10Ω ≤ R ≤ 1MΩ 10Ω ≤ R ≤ 1MΩ --- --- TC122 1/16W -55°C to +125°C 50V 100V 100V E24 ± 5% E24/E96 ± 1% Jumper 10Ω ≤ R ≤ 1MΩ 10Ω ≤ R ≤ 1MΩ < 0.05Ω Rated current Max. current 1.0 1.5 TC124 1/16W -55°C to +125°C 50V 100V 100V E24 ± 5% E24/E96 ± 1% Jumper 10Ω ≤ R ≤ 1MΩ 10Ω ≤ R ≤ 1MΩ < 0.05Ω Rated current Max. current 1.0 1.5 TC164 1/16W -55°C to +155°C 50V 100V 100V E24 ± 5% E24/E96 ± 1% Jumper 10Ω ≤ R ≤ 1MΩ 10Ω ≤ R ≤ 1MΩ < 0.05Ω Rated current Max. current 1.0 2.0 YC158T 1/16W -55°C to +155°C 25V 50V 50V E24 ± 5% 10Ω ≤ R ≤ 100KΩ --- --- YC358L YC358T 1/16W -55°C to +155°C 50V 100V 100V E24 ± 5% 10Ω ≤ R ≤ 330KΩ --- --- PACKING STYLE AND PACKAGING QUANTITY PACKING STYLE PACKING STYLE YC102/ 104 YC/TC 122 YC/TC 124 YC162 YC/TC 164 YC248 YC324 YC158T YC358L YC358T Paper taping reel ( R ) 7" (178mm) 10,000 10,000 10,000 5,000 5,000 5,000 --- 5,000 --- 13" (254mm) --- 50,000 40,000 --- 20,000 --- --- 20,000 --- Embossed taping reel ( K) 7" (178mm) --- --- --- --- --- 4,000 4,000 --- 4,000 NOTE 1. For tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”. Table 3 Packing style and packaging quantity |
Similar Part No. - SR0402KR-0797K6L |
|
Similar Description - SR0402KR-0797K6L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |