Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS110-8 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS110-8
Description  High surge voltage 1.25 A SCR for circuit breaker
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-8 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS110-8 Datasheet HTML 2Page - STMicroelectronics TS110-8 Datasheet HTML 3Page - STMicroelectronics TS110-8 Datasheet HTML 4Page - STMicroelectronics TS110-8 Datasheet HTML 5Page - STMicroelectronics TS110-8 Datasheet HTML 6Page - STMicroelectronics TS110-8 Datasheet HTML 7Page - STMicroelectronics TS110-8 Datasheet HTML 8Page - STMicroelectronics TS110-8 Datasheet HTML 9Page - STMicroelectronics TS110-8 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC line transient voltage ruggedness
TS110-8
6/10
DocID026589 Rev 1
2
AC line transient voltage ruggedness
In comparison with standard SCRs, the TS110-8 is self-protected against over-voltage. The
TS110-8 switch can safely withstand AC line direct surge voltages by switching to the on
state (for less than 10 ms on 50 Hz mains) to dissipate energy shocks through the load. The
load limits the current through the TS110-8. The self-protection against over-voltage is
based on an overvoltage crowbar technology. This safety feature works even with high
turn-on current ramp up.
Figure 16 represents the TS110-8 in a test environment. It is used to stress the TS110-8
switch according to the IEC 61000-4-5 standard conditions. The TS110-8 folds back safely
to the on state as shown in Figure 17.
The TS110-8 recovers its blocking voltage capability after the direct surge and the next zero
current crossing. Such a non repetitive test can be done at least 10 times.
Figure 16. Overvoltage ruggedness test circuit for IEC 61000-4-5 standards
Figure 17. Typical current and voltage waveforms across the TS110-8 during
IEC 61000-4-5 standard test


Similar Part No. - TS110-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
More results

Similar Description - TS110-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
   1.25 A sensitive gate SCR
logo
Panasonic Semiconductor
DZ2J043M0L PANASONIC-DZ2J043M0L Datasheet
334Kb / 5P
   For constant voltage / For surge absorption circuit
MAZ9062H PANASONIC-MAZ9062H Datasheet
85Kb / 3P
   For surge absorption circuit
logo
Vishay Siliconix
VS-40TPSPBF VISHAY-VS-40TPSPBF Datasheet
201Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 14-Sep-17
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3_V01 Datasheet
180Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-40TPS16-M3 VISHAY-VS-40TPS16-M3 Datasheet
181Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 40 A
01-Jan-2022
VS-30TPS12L-M3 VISHAY-VS-30TPS12L-M3 Datasheet
181Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 31-Jul-2018
VS-10TTS08PBF VISHAY-VS-10TTS08PBF Datasheet
191Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 10 A
Revision: 23-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com