Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVR5G Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TVR5G
Description  TOSHIBA Fast Recovery Diode Silicon Diffused Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TVR5G Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TVR5G Datasheet HTML 1Page - Toshiba Semiconductor TVR5G Datasheet HTML 2Page - Toshiba Semiconductor TVR5G Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TVR5B,TVR5G,TVR5J
2002-09-18
2
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Ta max – IF (AV)
Time t (s)
rth (j-a) – t
Instantaneous forward voltage vF (V)
iF – vF
Number of cycles
Surge forward current (non-repetitive)
0.1
0.6
10
1.8
5
3
0.5
0.3
0.8
1.0
1.2
1.4
1
1.6
Tj = 125°C
25
20
0
1
16
12
8
4
3
10
30
100
Tj = 25°C
f
= 50 Hz
550
0.7
0
0
0.6
0.5
0.4
0.3
0.1
0.2
0.3
0.4
0.5
0.6
0.2
0.1
0.7
180°
360°
Rectangular
waveform
0.1
0.001
100
0.01
0.1
1
10
100
1000
50
10
30
1
0.3
0.5
3
5
10 mm
10 mm
5 mm
5 mm
´ 5 mm
140
0
0
120
100
80
60
0.1
0.2
0.3
0.4
0.5
0.6
40
20
0.7
5 mm
10 mm
10 mm
5 mm
´ 5 mm
180°
360°
Rectangular
waveform


Similar Part No. - TVR5G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
TVR5G TAYCHIPST-TVR5G Datasheet
2Mb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - TVR5G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TVR1B TOSHIBA-TVR1B Datasheet
93Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type
1JH46TPA3 TOSHIBA-1JH46TPA3 Datasheet
253Kb / 4P
   TOSHIBA FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
TVR4J TOSHIBA-TVR4J Datasheet
121Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type High Speed Rectifier Applications (fast recovery)
U05NU44 TOSHIBA-U05NU44 Datasheet
146Kb / 3P
   TOSHIBA SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
U1GU44 TOSHIBA-U1GU44 Datasheet
149Kb / 3P
   TOSHIBA SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
U1JU44 TOSHIBA-U1JU44 Datasheet
138Kb / 3P
   TOSHIBA SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
2Z27A TOSHIBA-2Z27A Datasheet
111Kb / 3P
   TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
1ZC18 TOSHIBA-1ZC18 Datasheet
114Kb / 4P
   TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
CMZB27 TOSHIBA-CMZB27 Datasheet
177Kb / 5P
   TOSHIBA Zener Diode Silicon Diffused Type
U5ZA48C TOSHIBA-U5ZA48C Datasheet
114Kb / 3P
   TOSHIBA Zener Diode Silicon Diffused-Junction Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com