Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0349129082 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0349129082
Description  Mini50 Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option C,Dark Gray, Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0349129082 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0349129082 Datasheet HTML 1Page - Molex Electronics Ltd. 0349129082 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/18/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0349129082
Status:
Active
Overview:
Mini50™ Connection Systems
Description:
Mini50™ Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option C,
Dark Gray, Tube
Documents:
3D Model
Packaging Specification PK-31301-688 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34791-020-001 (PDF)
Product Literature (PDF)
Packaging Specification PK-31301-440 (PDF)
General
Product Family
PCB Headers
Series
34912
Application
Power, Signal, Wire-to-Board
Overview
Mini50™ Connection Systems
Product Literature Order No
987650-5442
Product Name
Mini50™
UPC
887191297453
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Gray (Dark)
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Polyester Alloy
Net Weight
2.166/g
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
4.0A
Voltage - Maximum
500V DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-31301-440, PK-31301-688
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
34912 Series
Mates With
34791 Mini50™ Unsealed Single Row
Receptacle


Similar Part No. - 0349129082

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0349129080 MOLEX1-0349129080 Datasheet
45Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option A,Black, Tube
0349129081 MOLEX1-0349129081 Datasheet
45Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option B,Gray, Tube
More results

Similar Description - 0349129082

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0347939082 MOLEX1-0347939082 Datasheet
49Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option C, Dark Gray, Tube
34912-9082 MOLEX11-34912-9082 Datasheet
50Kb / 1P
   Mini50 Unsealed, Single Row, Right-Angle Header, 8 Circuit, Polarization Option C, Dark Gray, Tube
34912-8042 MOLEX11-34912-8042 Datasheet
50Kb / 1P
   Mini50 Unsealed, Single Row, Right-Angle Header, 4 Circuit, Polarization Option C, Dark Gray, Tube
34912-9042 MOLEX11-34912-9042 Datasheet
50Kb / 1P
   Mini50 Unsealed, Single Row, Right-Angle Header, 4 Circuit, Polarization Option C, Dark Gray, Tube
0349129042 MOLEX1-0349129042 Datasheet
45Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 4 Circuit, Polarization Option C,Dark Gray, Tube
0347939042 MOLEX1-0347939042 Datasheet
49Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 4 Circuit, Polarization Option C, Dark Gray, Tube
34792-9082 MOLEX11-34792-9082 Datasheet
58Kb / 2P
   Mini50 Unsealed, Single Row, Vertical Header, 8 Circuit, Polarization Option C, Dark Gray, Tube
0347929082 MOLEX1-0347929082 Datasheet
49Kb / 2P
   Mini50 Unsealed Vertical Header, Single Row, 8 Circuit, Polarization Option C, Dark Gray, Tube
0347930082 MOLEX1-0347930082 Datasheet
49Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option C, Dark Gray, Tray
0348269242 MOLEX1-0348269242 Datasheet
47Kb / 2P
   Mini50 Unsealed Right Angle Header, Dual Row, 24 Circuit, Polarization Option C, Dark Gray, Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com