Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1235T-8FP Datasheet(PDF) 7 Page - STMicroelectronics

Part # T1235T-8FP
Description  High static and dynamic commutation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235T-8FP Datasheet(HTML) 7 Page - STMicroelectronics

  T1235T-8FP Datasheet HTML 1Page - STMicroelectronics T1235T-8FP Datasheet HTML 2Page - STMicroelectronics T1235T-8FP Datasheet HTML 3Page - STMicroelectronics T1235T-8FP Datasheet HTML 4Page - STMicroelectronics T1235T-8FP Datasheet HTML 5Page - STMicroelectronics T1235T-8FP Datasheet HTML 6Page - STMicroelectronics T1235T-8FP Datasheet HTML 7Page - STMicroelectronics T1235T-8FP Datasheet HTML 8Page - STMicroelectronics T1235T-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DocID024261 Rev 3
7/9
T1235T-8FP
Package information
Table 6. TO-220FPAB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126


Similar Part No. - T1235T-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
   12 A Snubberless™ Triac
December 2017
T1235T-8G-TR STMICROELECTRONICS-T1235T-8G-TR Datasheet
484Kb / 10P
   12 A Snubberless™ Triac
December 2017
T1235T-8I STMICROELECTRONICS-T1235T-8I Datasheet
415Kb / 9P
   12 A Snubberless™ Triac
December 2017
T1235T-8R STMICROELECTRONICS-T1235T-8R Datasheet
417Kb / 9P
   12 A Snubberless™ Triac
November 2017
T1235T-8T STMICROELECTRONICS-T1235T-8T Datasheet
271Kb / 9P
   Motor control circuits
July 2014 Rev 3
More results

Similar Description - T1235T-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2550-12X STMICROELECTRONICS-T2550-12X Datasheet
486Kb / 12P
   High static and dynamic commutation
December 2015 Rev 3
T835T-8T STMICROELECTRONICS-T835T-8T Datasheet
277Kb / 9P
   High static and dynamic commutation
July 2014 Rev 3
T2550-12G STMICROELECTRONICS-T2550-12G Datasheet
486Kb / 12P
   High static and dynamic commutation
December 2015 Rev 3
logo
Microsemi Corporation
A3P600L-FG484I MICROSEMI-A3P600L-FG484I Datasheet
11Mb / 242P
   Dramatic Reduction in Dynamic and Static Power Savings
logo
NXP Semiconductors
BTA216B PHILIPS-BTA216B Datasheet
48Kb / 6P
   Triacs high commutation
October 1997 Rev 1.200
logo
Central Semiconductor C...
CQ220-12M3 CENTRAL-CQ220-12M3 Datasheet
498Kb / 4P
   High commutation capability
logo
WeEn Semiconductors
BTA216B-600B WEEN-BTA216B-600B Datasheet
435Kb / 8P
   Triacs high commutation
logo
NXP Semiconductors
BTA216-600BT NXP-BTA216-600BT Datasheet
75Kb / 12P
   Triacs high commutation
Rev. 01-25 August 2005
BTA216B_B PHILIPS-BTA216B_B Datasheet
109Kb / 8P
   Triacs high commutation
October 1997
logo
WeEn Semiconductors
BTA216B WEEN-BTA216B Datasheet
913Kb / 8P
   Triacs high commutation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com