Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRN218SU103JAB Datasheet(PDF) 5 Page - American Accurate Components, Inc.

Part # CRN218SU103JAB
Description  Resistor Arrays & Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRN218SU103JAB Datasheet(HTML) 5 Page - American Accurate Components, Inc.

  CRN218SU103JAB Datasheet HTML 1Page - American Accurate Components, Inc. CRN218SU103JAB Datasheet HTML 2Page - American Accurate Components, Inc. CRN218SU103JAB Datasheet HTML 3Page - American Accurate Components, Inc. CRN218SU103JAB Datasheet HTML 4Page - American Accurate Components, Inc. CRN218SU103JAB Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
American Accurate Components, Inc.
Resistor Arrays & Networks
188 Technolgoy Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
5
TAPE DIMENSION
Type
A
B
W
F
E
P
1
P
2
P
0
θD0
T
CRN10-2
1.2±0.15
1.2±0.1
8.0±0.2
3.5±0.05
1.75±0.1
2.0±0.01
2.0±0.05
4.0±0.1
1.5 - 0
+0.1
0.45±0.1
CRN10-4
2.2±0.2
0.64±0.1
Type
A
B
C
D
P
CRN31-15SU-103JAM
3.6±0.1
10.6±0.1
7.5±0.1
16.0±0.1
8.0±0.1
PACKAGING SPECIFICATION
Size
Tape
7” Reel Quantity
CRN06-2V
Paper Tape
10,000
CRN10-2V
Paper Tape
10,000
CRN10-4V
Paper Tape
10,000
CRN16-2V
Paper Tape
5,000
CRN16-4V
Paper Tape
5,000
CRN16-8V
Paper Tape
4,000
CRN16-8SU
Paper Tape
5,000
CRN21-8SC
Plastic Tape
4,000
CRN31-4V
Plastic Tape
4,000
CRN31-8SL
Plastic Tape
4,000
CRN31-8SU
Plastic Tape
4,000
CRN31-8V
Plastic Tape
2,000
CRN31-15SU
Plastic Tape
2,000
CRN76-8V
Plastic Tape
1,000
CRN76-15SU
Plastic Tape
1,000
LABEL DESCRIPTION
An identification label is on one side surface of a reel, marked
with the following items of information.
1. Chip Resistor Array or Network
2. Part Number
3. Quantity
4. Lot Number *
5. Manufacturer’s name
* The suffix “L” on the lot number indicates that this item is lead free.
As of September 2004, all new production items of the series CRN are
no longer containing tin/lead (SnPb) terminals; they are lead free and
in compliance with Lead Free/RoHS.
The content of this specification may change without notification
05/15/2015


Similar Part No. - CRN218SU103JAB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRN218SU103JAM AAC-CRN218SU103JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
More results

Similar Description - CRN218SU103JAB

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSN NIC-NRSN Datasheet
337Kb / 3P
   Chip Resistor Arrays/Networks
NRSNA4I4J102TRF NIC-NRSNA4I4J102TRF Datasheet
106Kb / 4P
   Chip Resistor Arrays/Networks
NRSNA4I4J510TRF NIC-NRSNA4I4J510TRF Datasheet
106Kb / 4P
   Chip Resistor Arrays/Networks
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
   RESISTOR NETWORKS
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
   Resistor Networks
NQS TTELEC-NQS Datasheet
149Kb / 5P
   Resistor Networks
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R8DTL ACCUTEK-AK06G-R8DTL_09 Datasheet
124Kb / 4P
   RESISTOR NETWORKS
AK6G-R2RL ACCUTEK-AK6G-R2RL_09 Datasheet
150Kb / 4P
   RESISTOR NETWORKS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com