Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1210T-8FP Datasheet(PDF) 5 Page - STMicroelectronics

Part # T1210T-8FP
Description  12 A logic level Triac
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1210T-8FP Datasheet(HTML) 5 Page - STMicroelectronics

  T1210T-8FP Datasheet HTML 1Page - STMicroelectronics T1210T-8FP Datasheet HTML 2Page - STMicroelectronics T1210T-8FP Datasheet HTML 3Page - STMicroelectronics T1210T-8FP Datasheet HTML 4Page - STMicroelectronics T1210T-8FP Datasheet HTML 5Page - STMicroelectronics T1210T-8FP Datasheet HTML 6Page - STMicroelectronics T1210T-8FP Datasheet HTML 7Page - STMicroelectronics T1210T-8FP Datasheet HTML 8Page - STMicroelectronics T1210T-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID025747 Rev 2
5/9
T1210T-8FP
Characteristics
Figure 13. Relative variation of leakage current versus junction temperature for
different values of blocking voltage (typical values)
Figure 11. Relative variation of critical rate of
decrease of main current (di/dt)c versus
reapplied (dV/dt)c (typical values)
Figure 12. Relative variation of critical rate of
decrease of main current (di/dt)c versus
junction temperature (typical values)
0
1
2
3
0.1
1.0
10.0
100.0
(dI/dt)c [ (dV/dt)c ] / Specified (dI/dt)c
T
j =125 °C
T
j =150 °C
(dV/dt)c (V/µs)
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
(dI/dt)
C [Tj] / (dI/dt)c [Tj=150 °C]
(dV/dt)c = 10 V/µs
T (°C)
j
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
150
V
DRM=VRRM=800 V
V
DRM=VRRM=600 V
V
DRM=VRRM=400 V
T (°C)
j
I
, I
@ [T ; V
, V
] / I
, I
DRM RRM
j
DRM
RRM
DRM RRM
[Tjmax = 125 °C; 800 V]
[Tjmax = 150 °C; 600 V]
*IDRM, IRRM at:


Similar Part No. - T1210T-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1210T-8T STMICROELECTRONICS-T1210T-8T Datasheet
318Kb / 9P
   12 A logic level Triac
November 2014 Rev 1
logo
Inchange Semiconductor ...
T1210T-8T ISC-T1210T-8T Datasheet
309Kb / 2P
   isc Thyristors
More results

Similar Description - T1210T-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1210T-8T STMICROELECTRONICS-T1210T-8T Datasheet
318Kb / 9P
   12 A logic level Triac
November 2014 Rev 1
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
T610T-8FP STMICROELECTRONICS-T610T-8FP Datasheet
356Kb / 9P
   6 A logic level Triac
February 2015 Rev 2
T610T-8T STMICROELECTRONICS-T610T-8T Datasheet
314Kb / 9P
   6 A logic level Triac
November 2014 Rev 1
T810T-8FP STMICROELECTRONICS-T810T-8FP Datasheet
359Kb / 9P
   8 A logic level Triac
February 2015 Rev 2
T810T-8T STMICROELECTRONICS-T810T-8T Datasheet
317Kb / 9P
   8 A logic level Triac
November 2014 Rev 1
T405T-6FP STMICROELECTRONICS-T405T-6FP Datasheet
366Kb / 9P
   4 A logic level Triac
November 2016 Rev 1
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com