Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1220T-6I Datasheet(PDF) 3 Page - STMicroelectronics

Part # T1220T-6I
Description  Snubberless?? logic level and standard 12 A Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1220T-6I Datasheet(HTML) 3 Page - STMicroelectronics

  T1220T-6I Datasheet HTML 1Page - STMicroelectronics T1220T-6I Datasheet HTML 2Page - STMicroelectronics T1220T-6I Datasheet HTML 3Page - STMicroelectronics T1220T-6I Datasheet HTML 4Page - STMicroelectronics T1220T-6I Datasheet HTML 5Page - STMicroelectronics T1220T-6I Datasheet HTML 6Page - STMicroelectronics T1220T-6I Datasheet HTML 7Page - STMicroelectronics T1220T-6I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID16487 Rev3
3/8
T12T
Characteristics
8
Table 3. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
T12xxT
Unit
T1210T T1220T T1225T T1235T
IGT
(1)
VD = 12 V RL = 30 Ω
I - II - III
MAX.
10
20
25
35
mA
IV
40
VGT
VD = VDRM, RL = 3.3 kΩ,
Tj = 25 °C
ALL
MAX.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ,
Tj = 125 °C
ALL
MIN.
0.2
V
IH
(2)
IT = 500 mA
MAX.
10
15
20
30
mA
IL
IG = 1.2 IGT
I - III
MAX.
20
35
40
50
mA
IV
40
II
30
40
60
80
dV/dt (2)
VD = 67% VDRM, gate open
Tj = 125 °C
MIN.
100
1000
100
2000
V/µs
Tj = 150 °C
(3)
50
500
50
1000
(dI/dt)c (2)
(dV/dt)c = 0.1 V/µs
Tj = 125 °C
MIN.
77
A/ms
(dV/dt)c = 10 V/µs
3
3
Without snubber
6
12
(dV/dt)c = 0.1 V/µs
Tj = 150 °C
(3)
33
(dV/dt)c = 10 V/µs
1
1
Without snubber
3
10
1.
Minimum IGT is guaranteed at 5% of IGT max.
2.
For both polarities of A2 referenced to A1.
3.
Derating information for excess temperature above Tj max.
Table 4. Static characteristics
Symbol
Test conditions
Value
Unit
VT
(1)
ITM = 17 A, tp = 380 µs
Tj = 25 °C
MAX.
1.55
V
VTO
(1)
Threshold voltage
Tj = 125 °C
MAX.
0.85
V
RD
(1)
Dynamic resistance
Tj = 125 °C
MAX.
35
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
5µA
Tj = 125 °C
1
mA
VD = 0.9 x VDRM
Tj = 150 °C
(2)
TYP.
1.9
1.
For both polarities of A2 referenced to A1.
2.
Derating information for excess temperature above Tj max.


Similar Part No. - T1220T-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
   Snubberless, logic level and standard 12 A Triacs
More results

Similar Description - T1220T-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
   Snubberless, logic level and standard 12 A Triacs
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
   Snubberless?? logic level and standard 12 A Triacs
BTA12 STMICROELECTRONICS-BTA12_07 Datasheet
138Kb / 12P
   12 A Snubberless, logic level and standard triacs
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
   12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
133Kb / 9P
   Entry level Snubberless?? logic level and standard 12 A TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com