Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2010KR-0710KL Datasheet(PDF) 6 Page - YAGEO Corporation

Part # SR2010KR-0710KL
Description  ARRAY CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR2010KR-0710KL Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button SR2010KR-0710KL Datasheet HTML 2Page - YAGEO Corporation SR2010KR-0710KL Datasheet HTML 3Page - YAGEO Corporation SR2010KR-0710KL Datasheet HTML 4Page - YAGEO Corporation SR2010KR-0710KL Datasheet HTML 5Page - YAGEO Corporation SR2010KR-0710KL Datasheet HTML 6Page - YAGEO Corporation SR2010KR-0710KL Datasheet HTML 7Page - YAGEO Corporation SR2010KR-0710KL Datasheet HTML 8Page - YAGEO Corporation SR2010KR-0710KL Datasheet HTML 9Page - YAGEO Corporation SR2010KR-0710KL Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SERIES
YC/TC
102 to 358
Chip Resistor Surface Mount
www.yageo.com
Feb. 16, 2017 V.5
Product specification
6
12
SCHEMATIC
Fig. 11 Equivalent circuit diagram
Note: 1. YC102/104 is flat type
For dimension, please refer to Table 1
Side view for all types
YC 102/122/162
YC 104/124/164/324
158T/358L/358T/248
TC 122
TC 124/164
unit: mm
Fig. 12 YC/TC122 series chip resistors dimension
Note: (1) YC102/104 is flat type


Similar Part No. - SR2010KR-0710KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR2010KR-0710KL YAGEO-SR2010KR-0710KL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
More results

Similar Description - SR2010KR-0710KL

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com