Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STI20NM65N Datasheet(PDF) 9 Page - STMicroelectronics

Part # STI20NM65N
Description  Low gate input resistance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI20NM65N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STI20NM65N Datasheet HTML 5Page - STMicroelectronics STI20NM65N Datasheet HTML 6Page - STMicroelectronics STI20NM65N Datasheet HTML 7Page - STMicroelectronics STI20NM65N Datasheet HTML 8Page - STMicroelectronics STI20NM65N Datasheet HTML 9Page - STMicroelectronics STI20NM65N Datasheet HTML 10Page - STMicroelectronics STI20NM65N Datasheet HTML 11Page - STMicroelectronics STI20NM65N Datasheet HTML 12Page - STMicroelectronics STI20NM65N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STB20NM65N-STI20NM65N-STF20NM65N-STP20NM65N-STW20NM65N
Test circuit
9/18
3
Test circuit
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times
Figure 21. Unclamped Inductive load test
circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform


Similar Part No. - STI20NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI20N60M2-EP STMICROELECTRONICS-STI20N60M2-EP Datasheet
262Kb / 14P
   N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in an I²PAK package
DS12514 - Rev 2 - June 2018
STI20N65M5 STMICROELECTRONICS-STI20N65M5 Datasheet
1Mb / 21P
   N-channel 650 V, 0.160 typ., 18 A MDmesh V Power MOSFET in D2PAK, I2PAK
STI20N65M5 STMICROELECTRONICS-STI20N65M5 Datasheet
1Mb / 21P
   N-channel 650 V, 0.160 廓 typ., 18 A MDmesh??V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
logo
Inchange Semiconductor ...
STI20N65M5 ISC-STI20N65M5 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STI20NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
   Low Gate Input Resistance
logo
STMicroelectronics
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
   Low gate input resistance
February 2014 Rev 2
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
   Low gate input resistance
March 2015 Rev 9
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
   Low gate input resistance
February 2013 Rev 2
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
   Low gate input resistance
June 2014 Rev 2
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
   Low gate input resistance
January 2010 Rev 1
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
STF18N60M2 STMICROELECTRONICS-STF18N60M2 Datasheet
1Mb / 13P
   Low gate input resistance
February 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com