Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW20NM65N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW20NM65N
Description  Low gate input resistance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW20NM65N Datasheet(HTML) 3 Page - STMicroelectronics

  STW20NM65N Datasheet HTML 1Page - STMicroelectronics STW20NM65N Datasheet HTML 2Page - STMicroelectronics STW20NM65N Datasheet HTML 3Page - STMicroelectronics STW20NM65N Datasheet HTML 4Page - STMicroelectronics STW20NM65N Datasheet HTML 5Page - STMicroelectronics STW20NM65N Datasheet HTML 6Page - STMicroelectronics STW20NM65N Datasheet HTML 7Page - STMicroelectronics STW20NM65N Datasheet HTML 8Page - STMicroelectronics STW20NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STB20NM65N-STI20NM65N-STF20NM65N-STP20NM65N-STW20NM65N
Electrical ratings
3/18
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/I²PAK
TO-247/D²PAK
TO-220FP
VDS
Drain-source voltage (VGS=0)
650
V
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25°C
19
19(1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100°C
12
12 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
76
76(1)
A
PTOT
Total dissipation at TC = 25°C
160
40
W
dv/dt (3)
3.
ISD ≤19A, di/dt ≤400A/µs, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1s;TC=25°C)
--
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220/I²PAK
TO-247/D²PAK
TO-220FP
Unit
Rthj-case
Thermal resistance junction-case Max
0.78
3.1
°C/W
Rthj-amb
Thermal resistance junction-amb Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purposes
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAS
Avalanche current, repetitive or not-repetitive
(pulse width limited by TJ max)
6A
EAS
Single pulse avalanche energy
(starting TJ=25°C, ID=IAS, VDD= 50V)
500
mJ


Similar Part No. - STW20NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW20NM60 STMICROELECTRONICS-STW20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STW20NM60 STMICROELECTRONICS-STW20NM60 Datasheet
256Kb / 8P
   N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh?줡ower MOSFET
STW20NM60 STMICROELECTRONICS-STW20NM60 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
logo
Inchange Semiconductor ...
STW20NM60 ISC-STW20NM60 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW20NM60FD STMICROELECTRONICS-STW20NM60FD Datasheet
341Kb / 15P
   N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
More results

Similar Description - STW20NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
   Low Gate Input Resistance
logo
STMicroelectronics
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
   Low gate input resistance
February 2014 Rev 2
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
   Low gate input resistance
March 2015 Rev 9
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
   Low gate input resistance
February 2013 Rev 2
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
   Low gate input resistance
June 2014 Rev 2
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
   Low gate input resistance
January 2010 Rev 1
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
STF18N60M2 STMICROELECTRONICS-STF18N60M2 Datasheet
1Mb / 13P
   Low gate input resistance
February 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com