Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW9NK95Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW9NK95Z
Description  Gate charge minimized
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW9NK95Z Datasheet(HTML) 5 Page - STMicroelectronics

  STW9NK95Z Datasheet HTML 1Page - STMicroelectronics STW9NK95Z Datasheet HTML 2Page - STMicroelectronics STW9NK95Z Datasheet HTML 3Page - STMicroelectronics STW9NK95Z Datasheet HTML 4Page - STMicroelectronics STW9NK95Z Datasheet HTML 5Page - STMicroelectronics STW9NK95Z Datasheet HTML 6Page - STMicroelectronics STW9NK95Z Datasheet HTML 7Page - STMicroelectronics STW9NK95Z Datasheet HTML 8Page - STMicroelectronics STW9NK95Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STW9NK95Z
Electrical characteristics
5/12
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise Time
VDD= 475 V, ID= 3.6 A,
RG= 4.7 Ω, VGS= 10 V
(see Figure 14)
(see Figure 19)
22
15
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD= 475 V, ID= 3.6 A,
RG= 4.7 Ω, VGS= 10 V
(see Figure 14)
(see Figure 19)
51
22
ns
ns
Table 8.
Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BVGSO
(1)
1.
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Gate-source breakdown voltage Igs=±1 mA(open drain)
30
V
Table 9.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
7
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
28
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD= 7.2 A, VGS=0
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 7.2 A,
di/dt = 100 A/µs,
VDD= 60V, Tj = 25°C
(see Figure 16)
660
5.9
18
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 7.2 A,
di/dt = 100 A/µs,
VDD= 60V, Tj = 150°C
(see Figure 16)
800
7.4
18.6
ns
µC
A


Similar Part No. - STW9NK95Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW9NK90Z STMICROELECTRONICS-STW9NK90Z Datasheet
478Kb / 11P
   N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW9NK90Z STMICROELECTRONICS-STW9NK90Z Datasheet
577Kb / 16P
   N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
STW9NK90Z STMICROELECTRONICS-STW9NK90Z Datasheet
997Kb / 17P
   N-channel 900 V, 1.1 廓, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH??Power MOSFET
logo
Inchange Semiconductor ...
STW9NK90Z ISC-STW9NK90Z Datasheet
370Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STW9NK95Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
   Gate charge minimized
August 2013 Rev 1
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
   Gate charge minimized
March 2013 Rev 1
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
   Gate charge minimized
March 2013 Rev 1
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
   Gate charge minimized
September 2010 Rev 1
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
   Gate charge minimized
June 2013 Rev 3
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
STDLED625 STMICROELECTRONICS-STDLED625 Datasheet
1Mb / 18P
   Gate charge minimized
August 2013 Rev 1
STF11N65K3 STMICROELECTRONICS-STF11N65K3 Datasheet
815Kb / 13P
   Gate charge minimized
October 2011 Rev 2
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
   N-Channel Advanced Power MOSFET Gate charge minimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com