Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS68EN360 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TS68EN360
Description  32-bitQuad Integrated Communication Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68EN360 Datasheet(HTML) 4 Page - ATMEL Corporation

  TS68EN360 Datasheet HTML 1Page - ATMEL Corporation TS68EN360 Datasheet HTML 2Page - ATMEL Corporation TS68EN360 Datasheet HTML 3Page - ATMEL Corporation TS68EN360 Datasheet HTML 4Page - ATMEL Corporation TS68EN360 Datasheet HTML 5Page - ATMEL Corporation TS68EN360 Datasheet HTML 6Page - ATMEL Corporation TS68EN360 Datasheet HTML 7Page - ATMEL Corporation TS68EN360 Datasheet HTML 8Page - ATMEL Corporation TS68EN360 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
4
TS68EN360
2113A–HIREL–03/02
Figure 3. 240-lead Cerquad
IRQ1
240
BERR
GND
HALT
RESETS
Vcc
RMC
AVEC
GND
PERR
TDO
230
TDI
TMS
TCK
TRST
RESETH
BKPT
GND
IRQ6
IRQ4
Vcc
220
BGACK
BG
GND
Vcc
BR
NC1
IFETCH
OE
GND
BCLRO
210
NC2
Vcc
IPIPE1
GNDs2
AS
IPIPE0
PRTY0
PRTY1
Vcc
GND
200
PRTY2
PRTY3
GND
DSACK1
GND
DSACK0
Vcc
NC3
R/W
GND
190
DS
FREEZE
CAS0
GND
CAS1
Vcc
CAS2
CAS3
GNDs1
181
D0
61
D1
GND
D2
D3
D4
Vcc
D5
D6
GND
70
D7
D8
D9
D10
D11
GND
D12
D13
D14
Vcc
80
D15
D16
GND
D17
D18
D19
CLKO2
GNDclk
Vccclk
CLKO1
90
D20
D21
D22
GND
D23
D24
D25
Vcc
D26
D27
100
D28
GND
D29
D30
D31
GND
Vcc
FC3
FC2
FC1
110
GND
FC0
SIZ1
SIZ0
Vcc
A31
A30
GND
A29
A28
120
180
170
160
150
140
130
121
1
10
20
30
40
50
60
TS68EN360
(TOP VIEW)
PIN ONE INDICATOR


Similar Part No. - TS68EN360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com