Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU12N60M2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STU12N60M2
Description  Extremely low gate charge
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU12N60M2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STU12N60M2 Datasheet HTML 4Page - STMicroelectronics STU12N60M2 Datasheet HTML 5Page - STMicroelectronics STU12N60M2 Datasheet HTML 6Page - STMicroelectronics STU12N60M2 Datasheet HTML 7Page - STMicroelectronics STU12N60M2 Datasheet HTML 8Page - STMicroelectronics STU12N60M2 Datasheet HTML 9Page - STMicroelectronics STU12N60M2 Datasheet HTML 10Page - STMicroelectronics STU12N60M2 Datasheet HTML 11Page - STMicroelectronics STU12N60M2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STU12N60M2
Revision history
DocID027901 Rev 1
11/12
5
Revision history
Table 10: Document revision history
Date
Revision
Changes
22-May-2015
1
First release.


Similar Part No. - STU12N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU12N65M5 STMICROELECTRONICS-STU12N65M5 Datasheet
1Mb / 23P
   N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
logo
Inchange Semiconductor ...
STU12N65M5 ISC-STU12N65M5 Datasheet
316Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STU12N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
   Extremely low gate charge
December 2015 Rev 1
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
   Extremely low gate charge
January 2015 Rev 1
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
June 2013 Rev 1
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2014 Rev 1
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
   Extremely low gate charge
June 2016 Rev 2
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
   Extremely low gate charge
August 2014 Rev 2
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
   Extremely low gate charge
December 2014 Rev 1
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
   Extremely low gate charge
January 2016 Rev 1
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
   Extremely low gate charge
December 2014 Rev 1
STB24N65M2 STMICROELECTRONICS-STB24N65M2 Datasheet
1Mb / 20P
   Extremely low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com