Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFFHV35MX2637 Datasheet(PDF) 5 Page - AVX Corporation

Part # DFFHV35MX2637
Description  Medium Power Film Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFFHV35MX2637 Datasheet(HTML) 5 Page - AVX Corporation

  DFFHV35MX2637 Datasheet HTML 1Page - AVX Corporation DFFHV35MX2637 Datasheet HTML 2Page - AVX Corporation DFFHV35MX2637 Datasheet HTML 3Page - AVX Corporation DFFHV35MX2637 Datasheet HTML 4Page - AVX Corporation DFFHV35MX2637 Datasheet HTML 5Page - AVX Corporation DFFHV35MX2637 Datasheet HTML 6Page - AVX Corporation DFFHV35MX2637 Datasheet HTML 7Page - AVX Corporation DFFHV35MX2637 Datasheet HTML 8Page - AVX Corporation DFFHV35MX2637 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
59
092315
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
MEAN TIME BETWEEN FAILURE (MTBF)
MTBF = 1
/λ hours
MTBF CALCULATION
GENERAL FAILURE RATE
Based on Return Of Experience from the field of more than 30 years, we have established the following relation.
The failure rate
λB depends on hot spot temperature θHS and charge ratio ρ.
ρ = Uw/Un
(
)
)
(
in failures/hour
λ=λB x πQ x πB x πE failures/hour • πQ, πB and πE see following tables
Qualification
Qualification
factor πQ
Product qualified on IEC61071
1
and internal qualification
Product qualified on IEC61071
2
Product answering on
5
another norm
Product without qualification
15
Environment
Environment
factor πE
On ground (good conditions)
1
On ground (fixed materials)
2
On ground (on board)
4
On ship
9
On plane
15
Environment
Environment
factor πB
Favorable
1
Unfavourable
5
SURVIVAL FUNCTION
N = N0 x exp (-
λt)
N is the number of pieces still working after t hours.
N0 is the number of pieces at the origin (t = 0)
FAILURE MODE
Main failure mode due to AVX’s Controlled Self-Healing Technology is only losses of capacitance. Thanks to Controlled
Self-Healing solution to interrupt self-healing process in order to prevent avalanche effect due to polypropylene molecular
cracking producing gas and potential explosion in confined box for none Controlled Self-Healing capacitors.


Similar Part No. - DFFHV35MX2637

ManufacturerPart #DatasheetDescription
logo
ams AG
DFF2 AMSCO-DFF2 Datasheet
14Kb / 2P
   DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
logo
List of Unclassifed Man...
DFF2N60 ETC2-DFF2N60 Datasheet
334Kb / 11P
   High ruggedness N-Channel MOSFET
More results

Similar Description - DFFHV35MX2637

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com