Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3100D2RGZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3100D2RGZT
Description  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3100D2RGZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3100D2RGZT Datasheet HTML 6Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 7Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 8Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 9Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 10Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 11Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 12Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 13Page - Texas Instruments TPA3100D2RGZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
f − Frequency − Hz
0
5
10
15
20
25
30
35
40
Phase
Gain
10
100
1k
100k
10k
200
150
100
50
0
−50
−100
−150
−200
V
=12V
R =8
CC
L
W
V =0.1V
C =10 F
I
rms
I
m
Gain=32dB
RCFilter=100
,10nF
W
f − Frequency − Hz
0
5
10
15
20
25
30
35
40
10
100
1k
100k
10k
200
150
100
50
0
−50
−100
−150
−200
Phase
Gain
V
=24V
R =8
CC
L
W
V =0.1V
C =10 F
Gain=32dB
RCFilter=100
,10nF
I
rms
I
m
W
V
-SupplyVoltage-V
CC
0
5
10
15
20
25
40
30
45
35
50
10
12
14
16
18
20
22
24
26
28
R =8
Gain=20dB
L
W
THD+N=10%
THD+N=1%
PowerRepresentedby
DashLinesMayRequire
MoreHeatsinking.
VCC − SupplyVoltage − V
0
5
10
15
20
25
30
35
10
11
12
13
14
15
16
THD+N=10%
THD+N=1%
R =4
Gain=20dB
L
W
PowerRepresentedby
DashLinesMayRequire
MoreHeatsinking.
TPA3100D2
SLOS469F – OCTOBER 2005 – REVISED AUGUST 2010
www.ti.com
CLOSED LOOP RESPONSE
CLOSED LOOP RESPONSE
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): TPA3100D2


Similar Part No. - TPA3100D2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3100D2RGZT TI-TPA3100D2RGZT Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZT TI-TPA3100D2RGZT Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZTG4 TI-TPA3100D2RGZTG4 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3100D2RGZT

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com