Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3100D2PHP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3100D2PHP
Description  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3100D2PHP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3100D2PHP Datasheet HTML 7Page - Texas Instruments TPA3100D2PHP Datasheet HTML 8Page - Texas Instruments TPA3100D2PHP Datasheet HTML 9Page - Texas Instruments TPA3100D2PHP Datasheet HTML 10Page - Texas Instruments TPA3100D2PHP Datasheet HTML 11Page - Texas Instruments TPA3100D2PHP Datasheet HTML 12Page - Texas Instruments TPA3100D2PHP Datasheet HTML 13Page - Texas Instruments TPA3100D2PHP Datasheet HTML 14Page - Texas Instruments TPA3100D2PHP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
PO − OutputPower(PerChannel) − W
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
RL =8 W
Gain=32dB
VCC =24V
V
=18V
CC
VCC =12V
PO − OutputPower(PerChannel) − W
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14 15
RL =4 Ω
Gain=32dB
VCC =12V
PO − TotalOutputPower − W
0
0.5
1
1.5
2
2.5
0
10
20
30
40
RL =8 Ω
Gain=20dB
VCC =24V
VCC =12V
VCC =18V
PowerRepresentedby
DashLinesMayRequire
MoreHeatsinking.
PO − TotalOutputPower − W
0
0.5
1
1.5
2
2.5
3
3.5
0
10
20
30
40
R
Gain=20dB
L =4 Ω
VCC =12V
PowerRepresentedby
DashLinesMayRequire
MoreHeatsinking.
TPA3100D2
www.ti.com
SLOS469F – OCTOBER 2005 – REVISED AUGUST 2010
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 13.
Figure 14.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 15.
Figure 16.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA3100D2


Similar Part No. - TPA3100D2PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3100D2PHP TI-TPA3100D2PHP Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2PHPG4 TI-TPA3100D2PHPG4 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2PHPR TI-TPA3100D2PHPR Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2PHPRG4 TI-TPA3100D2PHPRG4 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3100D2PHP

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com