Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3007D1PWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3007D1PWR
Description  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3007D1PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA3007D1PWR Datasheet HTML 2Page - Texas Instruments TPA3007D1PWR Datasheet HTML 3Page - Texas Instruments TPA3007D1PWR Datasheet HTML 4Page - Texas Instruments TPA3007D1PWR Datasheet HTML 5Page - Texas Instruments TPA3007D1PWR Datasheet HTML 6Page - Texas Instruments TPA3007D1PWR Datasheet HTML 7Page - Texas Instruments TPA3007D1PWR Datasheet HTML 8Page - Texas Instruments TPA3007D1PWR Datasheet HTML 9Page - Texas Instruments TPA3007D1PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table 1. Table of Graphs
0
1
2
3
4
5
6
7
8
9
10
8
9
10
11
12
13
14
15
16
17
18
VCC − Supply Voltage − V
10% THD+N
Thermally Limited
1% THD+N
0
10
20
30
40
50
60
70
80
90
0
4
8
12
16
20
PO − Output Power − W
8
VCC = 12 V
TPA3007D1
SLOS418D – SEPTEMBER 2003 – REVISED MARCH 2008
FIGURE
Efficiency
vs Output power
1
PO
Output power
vs Supply Voltage
2
ICC
Supply current
3
vs Supply voltage
ICC(SD)
Shutdown current
4
vs Output power
5, 6
THD+N
Total harmonic distortion + noise
vs Frequency
7, 8
kSVR
Supply voltage rejection ratio
9
Gain and phase
vs Frequency
10
CMRR
Common-mode rejection ratio
11
VIO
Input offset voltage
vs Common-mode input voltage
12
EFFICIENCY
MAXIMUM OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
6
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA3007D1


Similar Part No. - TPA3007D1PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3007D1PWR TI-TPA3007D1PWR Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWR TI-TPA3007D1PWR Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWRG4 TI-TPA3007D1PWRG4 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWRG4 TI-TPA3007D1PWRG4 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3007D1PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1_06 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com