Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA00304PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00304PWR
Description  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00304PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button HPA00304PWR Datasheet HTML 3Page - Texas Instruments HPA00304PWR Datasheet HTML 4Page - Texas Instruments HPA00304PWR Datasheet HTML 5Page - Texas Instruments HPA00304PWR Datasheet HTML 6Page - Texas Instruments HPA00304PWR Datasheet HTML 7Page - Texas Instruments HPA00304PWR Datasheet HTML 8Page - Texas Instruments HPA00304PWR Datasheet HTML 9Page - Texas Instruments HPA00304PWR Datasheet HTML 10Page - Texas Instruments HPA00304PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
6
7
8
9
10
11
8
10
12
14
16
18
VCC - Supply Voltage - V
VCC - Supply Voltage - V
0
1
2
3
4
5
8
10
12
14
16
18
SHUTDOWN = 0.8 V
f = 1 kHz
0.01
0.1
1
10
0.1
1
10
PO − Output Power − W
VCC = 12 V
RL = 8 Ω
Gain = +36 dB
f = 20 Hz
f = 20 kHz
f = 1 kHz
0.1
1
10
0.1
1
10
PO − Output Power − W
VCC = 12 V
RL = 8 Ω
Gain = +12 dB
f = 20 Hz
f = 20 kHz
f = 1 kHz
TPA3007D1
SLOS418D – SEPTEMBER 2003 – REVISED MARCH 2008
SUPPLY CURRENT
SHUTDOWN CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPA3007D1


Similar Part No. - HPA00304PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00314DGSR TI1-HPA00314DGSR Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
HPA00322ZWLR TI1-HPA00322ZWLR Datasheet
1Mb / 39P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
HPA00328DCKR TI1-HPA00328DCKR Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
HPA00328DCKR TI-HPA00328DCKR Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
HPA00330AIDRLR TI1-HPA00330AIDRLR Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results

Similar Description - HPA00304PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1_06 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com