Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMS45160 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TMS45160
Description  262144-WORD BY 16-BIT HIGH-SPEED DYNAMIC RANDOM-ACCESS MEMORIES
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TMS45160 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TMS45160, TMS45160P
262144-WORD BY 16-BIT HIGH-SPEED
DYNAMIC RANDOM-ACCESS MEMORIES
SMHS160D – AUGUST 1992 – REVISED JUNE 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
logic symbol
A0
A1
A2
A3
A4
A5
A6
A7
16
17
18
19
22
23
24
25
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ0
RAS
LCAS
UCAS
W
3
4
5
7
8
9
10
31
32
33
34
36
37
38
39
14
29
28
2
13
RAM 256K
× 16
20D9/21D0
20D17/21D8
C20[ROW]
G23/[REFRESH ROW]
24[PWR DWN]
C21
G24
&
23C22
A,22D
A8
26
31
C21
G34
&
31
Z31
24,25EN27
34,25EN37
23C32
23,21D
∇ 26,27
A, Z26
A,32D
∇ 36,37
A, Z36
G25
OE
27
A
0
262 143
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
The pin numbers shown are for the DZ package.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn