Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2028D1YZFT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2028D1YZFT
Description  3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2028D1YZFT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2028D1YZFT Datasheet HTML 2Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 3Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 4Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 5Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 6Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 7Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 8Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 9Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
TPA2028D1
SLOS660C – JANUARY 2010 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
at TA = 25°C, VDD = 3.6 V, SDZ = 1.3 V, and RL = 8 Ω + 33 μH (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Impedance in shutdown
2
k
ZOUT
EN = 0.35 V
mode
Gain accuracy
Compression and limiter disabled, Gain = 0 to 30 dB
–0.5
0.5
dB
PSRR
Power supply rejection ratio
VDD = 2.5 V to 4.7 V
–80
dB
7.6 Operating Characteristics
at TA = 25°C, VDD = 3.6 V, EN = 1.3 V, RL = 8 Ω +33 μH, and AV = 6 dB (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
kSVR
power-supply ripple rejection ratio
VDD = 3.6 Vdc with ac of 200 mVPP at 217 Hz
–70
dB
faud_in = 1 kHz; PO = 550 mW; VDD = 3.6 V
0.1%
faud_in = 1 kHz; PO = 1.25 W; VDD = 5 V
0.1%
THD+N
Total harmonic distortion + noise
faud_in = 1 kHz; PO = 710 mW; VDD = 3.6 V
1%
faud_in = 1 kHz; PO = 1.4 W; VDD = 5 V
1%
NfonF
Output integrated noise
Av = 6 dB
42
μV
NfoA
Output integrated noise
Av = 6 dB floor, A-weighted
30
μV
FR
Frequency response
Av = 6 dB
20
20000
Hz
THD+N = 10%, VDD = 5 V, RL = 8 Ω
1.72
W
THD+N = 10%, VDD = 3.6 V, RL = 8 Ω
880
mW
THD+N = 1%, VDD = 5 V, RL = 8 Ω
1.4
W
Pomax
Maximum output power
THD+N = 1% , VDD = 3.6 V, RL = 8 Ω
710
mW
THD+N = 1% , VDD = 5 V, RL = 4 Ω
2.5
W
THD+N = 10% , VDD = 5 V, RL = 4 Ω
3
W
THD+N = 1%, VDD = 3.6 V, RL = 8 Ω, PO= 0.71 W
91%
η
Efficiency
THD+N = 1%, VDD = 5 V, RL = 8 Ω, PO = 1.4 W
93%
7.7 I
2C Timing Requirements
For I
2C Interface Signals Over Recommended Operating Conditions (unless otherwise noted)
MIN
TYP
MAX
UNIT
fSCL
Frequency, SCL
No wait states
400
kHz
tW(H)
Pulse duration, SCL high
0.6
μs
tW(L)
Pulse duration, SCL low
1.3
μs
tSU(1)
Setup time, SDA to SCL
100
ns
th1
Hold time, SCL to SDA
10
ns
t(buf)
Bus free time between stop and start condition
1.3
μs
tSU2
Setup time, SCL to start condition
0.6
μs
th2
Hold time, start condition to SCL
0.6
μs
tSU3
Setup time, SCL to stop condition
0.6
μs
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPA2028D1


Similar Part No. - TPA2028D1YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2028D1YZFT TI-TPA2028D1YZFT Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFT TI-TPA2028D1YZFT Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFT TI1-TPA2028D1YZFT Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
More results

Similar Description - TPA2028D1YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com