Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2028D1YZFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2028D1YZFR
Description  3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2028D1YZFR Datasheet(HTML) 4 Page - Texas Instruments

  TPA2028D1YZFR Datasheet HTML 1Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 2Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 3Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
IN-
PGND
EN
OUT+
PVDD
OUT-
SCL
IN+
SDA
C1
C2
C3
B1
B3
B2
A1
A2
A3
TPA2028D1
SLOS660C – JANUARY 2010 – REVISED OCTOBER 2015
www.ti.com
6 Pin Configuration and Functions
YZF Package
9-Pin DSBGA
Top View
Pin Functions
PIN
I/O/P(1)
DESCRIPTION
NAME
NO.
EN
B2
I
Enable terminal (active high)
IN+
B3
I
Positive audio input
IN–
C3
I
Negative audio input
OUT+
B1
O
Positive differential output
OUT–
C1
O
Negative differential output
PGND
A1
P
Power ground
PVDD
C2
P
Power supply
SCL
A2
I
I2C clock interface
SDA
A3
I/O
I2C data interface
(1)
I = Input, O = Output, P = Power
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
VDD
Supply voltage
PVDD
–0.3
6
V
EN, IN+, IN–
–0.3
VDD+0.3
V
Input voltage
SDA, SCL
–0.3
6
V
Continuous total power dissipation
See Thermal Information
RLOAD
Minimum load resistance
3.2
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPA2028D1


Similar Part No. - TPA2028D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2028D1YZFR TI-TPA2028D1YZFR Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFR TI-TPA2028D1YZFR Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFR TI1-TPA2028D1YZFR Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
More results

Similar Description - TPA2028D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com