Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT7P2UH7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STT7P2UH7
Description  Very low on-resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT7P2UH7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STT7P2UH7 Datasheet HTML 2Page - STMicroelectronics STT7P2UH7 Datasheet HTML 3Page - STMicroelectronics STT7P2UH7 Datasheet HTML 4Page - STMicroelectronics STT7P2UH7 Datasheet HTML 5Page - STMicroelectronics STT7P2UH7 Datasheet HTML 6Page - STMicroelectronics STT7P2UH7 Datasheet HTML 7Page - STMicroelectronics STT7P2UH7 Datasheet HTML 8Page - STMicroelectronics STT7P2UH7 Datasheet HTML 9Page - STMicroelectronics STT7P2UH7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STT7P2UH7
6/13
DocID025142 Rev 3
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source
voltage
Figure 7: Static drain-source on-resistance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
at
ion
in
thi
s ar
ea
is
Li
m
ite
d
by
m
ax
R
D
S(o
n)
10ms
1ms
100µs
0.01
Tj=150°C
Tpcb=25°C
Single pulse
GIPG210520141148SA
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-2
10
-5
10
-3
10
-2
10
-1
10
0
10
-1
GIPG210520141158SA
ID
15
5
0
0
2
VDS(V)
6
(A)
4
VGS=2.5, 3, 3.5, 4, 4.5, 5V
10
20
8
2V
1.5V
GIPG210520141044SA
ID
8.00
0.00
0
1
VGS(V)
2
(A)
0.5
1.5
4.00
12.00
VDS=2V
GIPG210520141055SA
VGS
3
2
1
0
0
10
Qg(nC)
(V)
4
15
20
VDD=16V
ID=7A
5
GIPG280520141717SA
RDS(on)
19.0
18.5
18.0
0
2
ID(A)
(m
Ω)
1
3
19.5
VGS=4.5V
4
5
20.0
20.5
6
GIPG210520141102SA


Similar Part No. - STT7P2UH7

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STT70 SIRECTIFIER-STT70 Datasheet
619Kb / 4P
   Thyristor-Thyristor Modules
STT70GK08 SIRECTIFIER-STT70GK08 Datasheet
619Kb / 4P
   Thyristor-Thyristor Modules
STT70GK08B SIRECTIFIER-STT70GK08B Datasheet
358Kb / 4P
   Thyristor-Thyristor Modules
STT70GK12 SIRECTIFIER-STT70GK12 Datasheet
619Kb / 4P
   Thyristor-Thyristor Modules
STT70GK12B SIRECTIFIER-STT70GK12B Datasheet
358Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT7P2UH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
STP110N8F6 STMICROELECTRONICS-STP110N8F6 Datasheet
557Kb / 13P
   Very low on-resistance
December 2014 Rev 2
STR1P2UH7 STMICROELECTRONICS-STR1P2UH7 Datasheet
613Kb / 12P
   Very low on-resistance
June 2015 Rev 3
STR2P3LLH6 STMICROELECTRONICS-STR2P3LLH6 Datasheet
547Kb / 12P
   Very low on-resistance
November 2014 Rev 2
STS9P3LLH6 STMICROELECTRONICS-STS9P3LLH6 Datasheet
602Kb / 13P
   Very low on-resistance
March 2016 Rev 2
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
   Very low on-resistance
September 2016 Rev 3
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
   Very low on-resistance
STH175N4F6-2AG STMICROELECTRONICS-STH175N4F6-2AG Datasheet
594Kb / 18P
   Very low on-resistance
February 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com